Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVBX1 Datasheet(PDF) 67 Page - Microchip Technology

Part # MCP47FVBX1
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVBX1 Datasheet(HTML) 67 Page - Microchip Technology

Back Button MCP47FVBX1 Datasheet HTML 63Page - Microchip Technology MCP47FVBX1 Datasheet HTML 64Page - Microchip Technology MCP47FVBX1 Datasheet HTML 65Page - Microchip Technology MCP47FVBX1 Datasheet HTML 66Page - Microchip Technology MCP47FVBX1 Datasheet HTML 67Page - Microchip Technology MCP47FVBX1 Datasheet HTML 68Page - Microchip Technology MCP47FVBX1 Datasheet HTML 69Page - Microchip Technology MCP47FVBX1 Datasheet HTML 70Page - Microchip Technology MCP47FVBX1 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 67
MCP47FVBXX
8.8
Serial Interface Communication
Times
Table 8-1 shows time/frequency of the supported
operations of the I2C serial interface for the different
serial interface operational frequencies. This, along
with the VOUT output performance (such as slew rate),
would be used to determine your application’s volatile
DAC register update rate.
TABLE 8-1:
SERIAL INTERFACE TIMES / FREQUENCIES
Command
# of Bit
Clocks
(1)
Data Update Rate
(8-bit/10-bit/12-bit)
(Data Words/Second)
Comments
Operation
Code
HV
Mode
C
1
C
0
100
kHz
400 kHz
3.4 MHz(4)
Write Command
(Normal and High-
Voltage)(5)
00
(2)
Single
38
2,632
10,526
89,474
00
(2)
Continuous
27n +
11
3,559
14,235
120,996
For 10 data words
Read Command
(Normal and High-
Voltage)(5)
11
(2)
Random
48
2,083
8,333
70,833
11
(2)
Continuous
18n +
11
4,762
19,048
161,905
For 10 data words
11
(2)
Last
Address
29
3,448
13,793
117,241
General Call Reset
Command
——
(2)
Single
20
5,000
20,000
170,000
Note 3
General Call Wake-up
Command
——
(2)
Single
20
5,000
20,000
170,000
Note 3
Note 1:
“n” indicates the number of times the command operation is to be repeated.
2:
This command can be either normal voltage or high voltage.
3:
Determined by General Call command byte after the I2C General Call address.
4:
There is a minimal overhead to enter into 3.4 MHz mode.
5:
High-Voltage commands are supported for serial interface compatibility with the MCP47FEBXX devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com