Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 27Page - Microchip Technology MCP47FVB1X Datasheet HTML 28Page - Microchip Technology MCP47FVB1X Datasheet HTML 29Page - Microchip Technology MCP47FVB1X Datasheet HTML 30Page - Microchip Technology MCP47FVB1X Datasheet HTML 31Page - Microchip Technology MCP47FVB1X Datasheet HTML 32Page - Microchip Technology MCP47FVB1X Datasheet HTML 33Page - Microchip Technology MCP47FVB1X Datasheet HTML 34Page - Microchip Technology MCP47FVB1X Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 31
MCP47FVBXX
4.2
Device Memory
User memory includes two types of memory:
• Volatile Register Memory (RAM)
• Device Configuration Memory
Each memory address is 16 bits wide. The memory
mapped register space is shown in Table 4-1. (see
Section 4.2.2 “Device Configuration Memory”
).
4.2.1
VOLATILE REGISTER MEMORY
(RAM)
There are up to six Volatile Memory locations:
• DAC0 and DAC1 Output Value registers
• VREF Select register
• Power-Down Configuration register
• Gain and Status register
• WiperLock Technology Status register
The volatile memory starts functioning when the
device VDD is at (or above) the RAM retention voltage
(VRAM). The volatile memory will be loaded with the
default device values when the VDD rises across the
VPOR/VBOR voltage trip point.
TABLE 4-1:
MEMORY MAP (x16)
Function
Function
00h Volatile DAC0 register
10h Reserved
01h Volatile DAC1 register
11h
Reserved
02h Reserved
12h Reserved
03h Reserved
13h Reserved
04h Reserved
14h Reserved
05h Reserved
15h Reserved
06h Reserved
16h Reserved
07h Reserved
17h Reserved
08h VREF register
18h Reserved
09h Power-Down register
19h Reserved
0Ah Gain and Status register
1Ah Reserved
0Bh WiperLock Technology Status register
1Bh Reserved
0Ch Reserved
1Ch Reserved
0Dh Reserved
1Dh Reserved
0Eh Reserved
1Eh Reserved
0Fh Reserved
1Fh Reserved
Volatile Memory address range
Nonvolatile Memory address range(1)
Note 1:
Nonvolatile memory address range is shown to reflect memory map compatibility with the MCP47FEBXX family
of devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com