Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 48 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 48 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 44Page - Microchip Technology MCP47FVB1X Datasheet HTML 45Page - Microchip Technology MCP47FVB1X Datasheet HTML 46Page - Microchip Technology MCP47FVB1X Datasheet HTML 47Page - Microchip Technology MCP47FVB1X Datasheet HTML 48Page - Microchip Technology MCP47FVB1X Datasheet HTML 49Page - Microchip Technology MCP47FVB1X Datasheet HTML 50Page - Microchip Technology MCP47FVB1X Datasheet HTML 51Page - Microchip Technology MCP47FVB1X Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 92 page
background image
MCP47FVBXX
DS20005405A-page 48
 2015 Microchip Technology Inc.
6.0
I2C SERIAL INTERFACE
MODULE
The MCP47FVBXX’s I2C Serial Interface Module sup-
ports the I2C serial protocol specification. This I2C
interface is a two-wire interface (clock and data).
Figure 6-1 shows a typical I2C interface connection.
The I2C specification only defines the field types, field
lengths, timings, etc. of a frame. The frame content
defines the behavior of the device. The frame content
(commands) for the MCP47FVBXX is defined in
Section 7.0 “Device Commands”
.
An overview of the I2C protocol is available in
Section Appendix B: “I2C Serial Interface”
.
FIGURE 6-1:
Typical I2C Interface.
6.1
Overview
This sections discusses some of the specific characteris-
tics of the MCP47FVBXX’s I2C Serial Interface Module.
This is to assist in the development of your application.
The following sections discuss some of these device-
specific characteristics.
• Interface Pins (SCL and SDA)
• Communication Data Rates
• POR/BOR
• Device Memory Address
• General Call Commands
• Device I2C Slave Addressing
• Entering High-Speed (HS) Mode
6.2
Interface Pins (SCL and SDA)
The MCP47FVBXX I2C’s module SCL pin does not
generate the serial clock since the device operates in
Slave mode. Also, the MCP47FVBXX will not stretch
the clock signal (SCL) since memory read access
occurs fast enough.
The MCP47FVBXX I2C’s module implements slope
control on the SDA pin output driver.
6.3
Communication Data Rates
The I2C interface specifies different communication bit
rates. These are referred to as Standard, Fast or High-
Speed modes. The MCP47FVBXX supports these three
modes. The clock rates (bit rate) of these modes are:
• Standard mode: up to 100 kHz (kbit/s)
• Fast mode: up to 400 kHz (kbit/s)
• High-Speed mode (HS mode): up to 3.4 MHz
(Mbit/s)
A description on how to enter High-Speed mode is
described in Section 6.9 “Entering High-Speed
(HS) Mode”
.
6.4
POR/BOR
On a POR/BOR event, the I2C Serial Interface Module
state machine is reset, which includes forcing the
device’s Memory Address pointer to 00h.
6.5
Device Memory Address
The memory address is the 5-bit value that specifies
the location in the device’s memory that the specified
command will operate on.
On a POR/BOR event, the device’s Memory Address
pointer is forced to 00h.
The MCP47FVBXX retains the last “Device Memory
Address” that it has received. That is, the
MCP47FVBXX does not “corrupt” the “Device Memory
Address” after Repeated Start or Stop conditions.
6.6
General Call Commands
The
General
Call
commands
utilize
the
I2C
specification reserved General Call command address
and command codes. The MCP47FVBXX also imple-
ments a non-standard General Call command.
The General Call commands are
• General Call Reset
• General Call Wake-up (MCP47FVBXX defined)
The General Call Wake-up command will cause all the
MCP47FVBXX devices to exit their power-down state.
6.7
Multi-Master Systems
The MCP47FVBXX is not a Master device (generate
the interface clock), but can be used in multi-master
applications.
SCL
SCL
MCP47FVBXX
SDA
SDA
Host
Controller
Typical I2C™ Interface Connections
Other Devices
(Master)
(Slave)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com