Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 42Page - Microchip Technology MCP47FVB1X Datasheet HTML 43Page - Microchip Technology MCP47FVB1X Datasheet HTML 44Page - Microchip Technology MCP47FVB1X Datasheet HTML 45Page - Microchip Technology MCP47FVB1X Datasheet HTML 46Page - Microchip Technology MCP47FVB1X Datasheet HTML 47Page - Microchip Technology MCP47FVB1X Datasheet HTML 48Page - Microchip Technology MCP47FVB1X Datasheet HTML 49Page - Microchip Technology MCP47FVB1X Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 92 page
background image
MCP47FVBXX
DS20005405A-page 46
 2015 Microchip Technology Inc.
5.6
Power-Down Operation
To allow the application to conserve power when the
DAC operation is not required, three power-down
modes are available. The Power-Down configuration
bits (PD1:PD0) control the power-down operation
(Figure 5-10 and Table 5-5). On devices with multiple
DACs, each DAC’s power-down mode is individually
controllable. All power-down modes do the following:
• Turn off most the DAC module’s internal circuits
(output op amp, resistor ladder,...)
• Op amp output becomes high-impedance to the
VOUT pin
• Disconnects resistor ladder from reference
voltage (VRL)
• Retains the value of the volatile DAC register and
configuration bits
Depending on the selected power-down mode, the
following will occur:
•VOUT pin is switched to one of two resistive pull-
downs (See Table 5-5)
-100 k
 (typical)
-1 k
 (typical)
• Op amp is powered-down and the VOUT pin is
high-impedance.
There is a delay (TPDE) between the PD1:PD0 bits
changing from ‘00’ to either ‘01’, ‘10’ or ‘11’ and the op
amp no longer driving the VOUT output and the pull-
down resistors sinking current.
In any of the power-down modes where the VOUT pin is
not externally connected (sinking or sourcing current),
the power-down current will typically be ~650 nA for a
single-DAC device. As the number of DACs increases,
the device’s power-down current will also increase.
The power-down bits are modified by using a Write
command to the volatile Power-Down register, or a POR
event which forces the volatile Power-Down bits to the
Normal operation state.
Section 7.0 “Device Commands”
describes the I2C
commands for writing the power-down bits. The
commands that can update the volatile PD1:PD0 bits are:
• Write Command (Normal and High-Voltage)
• Read Command (Normal and High-Voltage)
• General Call Reset
• General Call Wake-up
FIGURE 5-10:
VOUT Power-Down Block
Diagram.
Table 5-6 shows the current sources for the DAC based
on the selected source of the DAC’s reference voltage
and if the device is in normal operating mode or one of
the power-down modes.
Note:
The I2C serial interface circuit is not
affected by the Power-Down mode. This
circuit remains active in order to receive
any command that might come from the
I2C master device.
TABLE 5-5:
POWER-DOWN BITS AND
OUTPUT RESISTIVE LOAD
PD1
PD0
Function
00
Normal operation
01
1k
 resistor to ground
10
100 k
 resistor to ground
11
Open circuit
TABLE 5-6:
DAC CURRENT SOURCES
Device VDD
Current
Source
PD1:0 = ‘00’,
VREF1:0 =
PD1:0
 ‘00’,
VREF1:0 =
00
01
10
11
00
01
10
11
Output
Op Amp
YY
Y
Y
N
N
N
N
Resistor
Ladder
YY
N (1)
YNN
N (1)
N
RL Op Amp
N
Y
N
Y
N
N
N
N
Band Gap
N
Y
N
N
N
Y
N
N
Note 1:
Current is sourced from the VREF pin, not the
device VDD.
+
-
Gain (1)
V OUT
PD1:PD0
V DD
PD1:PD0
VW
Note 1: Gain options are 1x and 2x.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com