Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 33Page - Microchip Technology MCP47FVB1X Datasheet HTML 34Page - Microchip Technology MCP47FVB1X Datasheet HTML 35Page - Microchip Technology MCP47FVB1X Datasheet HTML 36Page - Microchip Technology MCP47FVB1X Datasheet HTML 37Page - Microchip Technology MCP47FVB1X Datasheet HTML 38Page - Microchip Technology MCP47FVB1X Datasheet HTML 39Page - Microchip Technology MCP47FVB1X Datasheet HTML 40Page - Microchip Technology MCP47FVB1X Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 37
MCP47FVBXX
5.0
DAC CIRCUITRY
The Digital to Analog Converter circuitry converts a digital
value into its analog representation. The description
describes the functional operation of the device.
The DAC Circuit uses a resistor ladder implementation.
Devices have up to two DACs.
Figure 5-1 shows the functional block diagram for the
MCP47FVBXX DAC circuitry.
The functional blocks of the DAC include:
• Resistor Ladder
• Voltage Reference Selection
• Output Buffer/V
OUT Operation
• Internal Band Gap (as a voltage reference)
• Latch Pin (LAT)
• Power-Down Operation
FIGURE 5-1:
MCP47FVBXX DAC Module Block Diagram.
RS(2)
VREF
+
-
DAC
Output
RS(1)
RS(2n - 1)
RS(2n - 2)
RS(2n - 3)
RS(2n)
+
-
VDD
VRL
Gain
(1x or 2x)
VOUT
PD1:PD0
VDD
PD1:PD0
VDD
PD1:PD0 and
PD1:PD0
VREF1:VREF0
VW
RRL
(~140 k
)
Band Gap
(1.22V typical)
VDD
VREF1:VREF0
PD1:PD0 and BGEN
Selection
Internal Band Gap
Voltage
Reference
Selection
Resistor
Ladder
Output Buffer/VOUT
Operation
Power-Down
Operation
Power-Down
Operation
Power-Down
Operation
A (RL)
B
VREF1:VREF0
Where:
# Resistors in Resistor Ladder = 256 (MCP47FVB0X)
1024 (MCP47FVB1X)
4096 (MCP47FVB2X)
V
W
DAC Register Value
# Resistor in Resistor Ladder
----------------------------------------------------------------------V
RL
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com