Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 89 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 89 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 84Page - Microchip Technology MCP47FVB1X Datasheet HTML 85Page - Microchip Technology MCP47FVB1X Datasheet HTML 86Page - Microchip Technology MCP47FVB1X Datasheet HTML 87Page - Microchip Technology MCP47FVB1X Datasheet HTML 88Page - Microchip Technology MCP47FVB1X Datasheet HTML 89Page - Microchip Technology MCP47FVB1X Datasheet HTML 90Page - Microchip Technology MCP47FVB1X Datasheet HTML 91Page - Microchip Technology MCP47FVB1X Datasheet HTML 92Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 89
MCP47FVBXX
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP47FVB01: Single-Channel 8-Bit NV DAC
with External + Internal References
MCP47FVB02: Dual-Channel 8-Bit NV DAC
with External + Internal References
MCP47FVB11: Single-Channel 10-Bit NV DAC
with External + Internal References
MCP47FVB12: Dual-Channel 10-Bit NV DAC
with External + Internal References
MCP47FVB21: Single-Channel 12-Bit NV DAC
with External + Internal References
MCP47FVB22: Dual-Channel 12-Bit NV DAC
with External + Internal References
Address
Options:
A0
=
“1100000” I2C Address
A1
=
“1100001” I2C Address
A2
=
“1100010” I2C Address
A3
=
“1100011” I2C Address
Tape and Reel:
T
=
Tape and Reel
Blank
=
Tube
Temperature
Range:
E
=
-40°C to +125°C
Package:
ST
=
Plastic Thin Shrink Small Outline
package (TSSOP), 8-lead
Examples:
a) MCP47FVB01A0T-E/ST: 8-bit VOUT resolution,
I2C Address “1100000”, Tape
and Reel, extended temp., 8LD
TSSOP package
b) MCP47FVB01A3T-E/ST: 8-bit VOUT resolution,
I2C Address “1100011”, Tape
and Reel, extended temp., 8LD
TSSOP package
a) MCP47FVB11A0-E/ST:
10-bit VOUT resolution,
I2C Address “1100000”, Tube,
extended temp., 8LD TSSOP
package
b) MCP47FVB11A3T-E/ST: 10-bit VOUT resolution, I2C
Address “1100011”, Tape and
Reel, extended temp., 8LD
TSSOP package
a) MCP47FVB21A0T-E/ST: 12-bit VOUT resolution,
I2C Address “1100000”, Tape
and Reel, extended temp.,
8LD TSSOP package
b) MCP47FVB21A3T-E/ST: 12-bit VOUT resolution,
I2C Address “1100011”, Tape
and Reel, extended temp.,
8LD TSSOP package
PART NO.
X
XX
Address
Temperature
Range
Device
/XX
Package
Options
X
Tape and
Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com