Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 36 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 36 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 32Page - Microchip Technology MCP47FVB1X Datasheet HTML 33Page - Microchip Technology MCP47FVB1X Datasheet HTML 34Page - Microchip Technology MCP47FVB1X Datasheet HTML 35Page - Microchip Technology MCP47FVB1X Datasheet HTML 36Page - Microchip Technology MCP47FVB1X Datasheet HTML 37Page - Microchip Technology MCP47FVB1X Datasheet HTML 38Page - Microchip Technology MCP47FVB1X Datasheet HTML 39Page - Microchip Technology MCP47FVB1X Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
MCP47FVBXX
DS20005405A-page 36
 2015 Microchip Technology Inc.
Register 4-4 shows the format of the Gain Control and
System Status register. Each DAC has one bit to
control the gain of the DAC and three Status bits. This
register is for the volatile memory locations.
REGISTER 4-4:
GAIN CONTROL AND SYSTEM STATUS REGISTER (ADDRESS 0Ah)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-0 R/W-0 R/C-1
U-0
U-0
U-0
U-0
U-0
U-0
U-0
Single
—
—
—
—
—
—
—(1)
G0
POR
—
—
—
—
—
—
—
Dual
—
—
—
—
—
—
G1
G0
POR
—
—
—
—
—
—
—
bit 15
bit 0
Legend:
R = Readable bit
W = Writable bit
C = Clearable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
= Single-channel device
= Dual-channel device
Single
Dual
bit 15-9
bit 15-10 Unimplemented: Read as ‘0’
—
bit 9
G1:
DAC1 Output Driver Gain control bits (Dual-Channel Device only)
1
= 2x Gain. Not applicable when VDD is used as VRL.
0
=1x Gain.
bit 8
bit 8
G0:
DAC0 Output Driver Gain control bits
1
= 2x Gain. Not applicable when VDD is used as VRL.
0
=1x Gain.
bit 7
bit 7
POR:
Power-on Reset (Brown-out Reset) Status bit
This bit indicates if a Power-on Reset (POR) or Brown-out Reset (BOR) event has
occurred since the last read command of this register. Reading this register clears the
state of the POR Status bit.
1
= A POR (BOR) event occurred since the last read of this register. Reading this register clears
this bit.
0
= A POR (BOR) event has not occurred since the last read of this register.
bit 6-0
bit 6-0
Unimplemented:
Read as ‘0’
Note 1:
Unimplemented bit, read as ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com