Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 40 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 40 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 36Page - Microchip Technology MCP47FVB1X Datasheet HTML 37Page - Microchip Technology MCP47FVB1X Datasheet HTML 38Page - Microchip Technology MCP47FVB1X Datasheet HTML 39Page - Microchip Technology MCP47FVB1X Datasheet HTML 40Page - Microchip Technology MCP47FVB1X Datasheet HTML 41Page - Microchip Technology MCP47FVB1X Datasheet HTML 42Page - Microchip Technology MCP47FVB1X Datasheet HTML 43Page - Microchip Technology MCP47FVB1X Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
MCP47FVBXX
DS20005405A-page 40
 2015 Microchip Technology Inc.
5.3
Output Buffer/VOUT Operation
The Output Driver buffers the wiper voltage (VW) of the
Resistor Ladder.
The DAC output is buffered with a low power and
precision output amplifier (op amp). This amplifier
provides a rail-to-rail output with low offset voltage and low
noise. The amplifier’s output can drive the resistive and
high-capacitive loads without oscillation. The amplifier
provides a maximum load current which is enough for
most programmable voltage reference applications. Refer
to Section 1.0 “Electrical Characteristics” for the
specifications of the output amplifier.
Figure 5-5 shows a block diagram of the output driver
circuit.
The user can select the output gain of the output
amplifier. Gain options are:
a)
Gain of 1, with either VDD or VREF pin used as
reference voltage.
b)
Gain of 2, only when VREF pin or Internal Band
Gap is used as reference voltage. The VREF pin
voltage should be limited to VDD/2.
Power-down logic also controls the output buffer oper-
ation (see Section 5.6 “Power-Down Operation” for
additional information on Power-down). In any of the
three Power-Down modes, the op amp is powered-
down and its output becomes a high impedance to the
VOUT pin.
Table 5-1 shows the gain bit operation. When the
reference voltage selection (VRL) is the device’s VDD
voltage, the G bit is ignored and a gain of 1 is used.
FIGURE 5-5:
Output Driver Block Diagram.
5.3.1
PROGRAMMABLE GAIN
The amplifier’s gain is controlled by the Gain (G)
configuration bit (see Register 4-4) and the VRL
reference selection (see Register 4-2). When the VRL
reference selection is the device’s VDD voltage, the G
bit is ignored and a gain of 1 is used.
The volatile G bit value can be modified by:
• POR event
• BOR event
•I2C Write commands
•I2C General Call Reset command
Note:
The load resistance must keep higher than
5k
 for the stable and expected analog
output (to meet electrical specifications).
+
-
Gain(1)
VOUT
PD1:PD0
VDD
PD1:PD0
VW
Note 1:
Gain options are 1x and 2x.
TABLE 5-1:
OUTPUT DRIVER GAIN
Gain Bit
Gain
Comment
0
1
1
2
Limits VREF pin voltages
relative to device VDD voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com