Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 55 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 55 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 51Page - Microchip Technology MCP47FVB1X Datasheet HTML 52Page - Microchip Technology MCP47FVB1X Datasheet HTML 53Page - Microchip Technology MCP47FVB1X Datasheet HTML 54Page - Microchip Technology MCP47FVB1X Datasheet HTML 55Page - Microchip Technology MCP47FVB1X Datasheet HTML 56Page - Microchip Technology MCP47FVB1X Datasheet HTML 57Page - Microchip Technology MCP47FVB1X Datasheet HTML 58Page - Microchip Technology MCP47FVB1X Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 55
MCP47FVBXX
7.2
Read Command
(Normal and High-Voltage)
Read commands are used to transfer data from the
specified memory location (to the Host controller).
The Read command formats include:
• Single Read
- Single Memory Address
- Last Memory Address Accessed
• Continuous Reads
The MCP47FVBXX retains the last Device Memory
Address that it has received. This means the
MCP47FVBXX does not corrupt the Device Memory
Address after Repeated Start or Stop conditions.
7.2.1
SINGLE READ
The Read command format writes two bytes, the Con-
trol byte and the Read command byte (desired memory
address and the Read command), and then has a
Restart condition. Then a 2nd Control byte is transmit-
ted, but this control byte indicates a I2C read operation
(R/W bit = ‘1’).
7.2.1.1
Single Memory Address
Figure 7-4 shows the sequence for reading a specified
memory address.
7.2.1.2
Last Memory Address Accessed
Figure 7-5 shows the waveforms for a single read of
the last memory location accessed.
7.2.2
CONTINUOUS READS
Continuous reads allows the device’s memory to be
read quickly and are possible to all memory locations.
Figure 7-7 shows the sequence for three continuous
reads.
For continuous reads, instead of transmitting a Stop or
Restart condition after the data transfer, the master
continually reads the data byte. The sequence ends
with the master Not Acknowledging and then sending a
Stop or Restart.
7.2.3
IGNORING AN I2C TRANSMISSION
AND “FALLING OFF” THE BUS
The MCP47FVBXX expects to receive complete, valid
I2C commands and will assume any command not
defined as a valid command is due to a bus corruption,
thus entering a passive high condition on the SDA sig-
nal. All signals will be ignored until the next valid Start
condition and Control Byte are received.
Note 1:
During device communication, if the
Device Address/Command combination
is invalid or an unimplemented Address is
specified, then the MCP47FVBXX will
NACK that byte. To reset the I2C state
machine, the I2C communication must
detect a Start bit.
2:
If the LAT pin is High (VIH), reads of the
volatile DAC register read the output
value, not the internal register.
3:
The Read commands operate the same
regardless of the state of the High-
Voltage Command (HVC) signal.
4:
High Voltage Command support allows
I2C signal voltage compatibility with
MCP47FEBXX devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com