Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 73 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 69Page - Microchip Technology MCP47FVB1X Datasheet HTML 70Page - Microchip Technology MCP47FVB1X Datasheet HTML 71Page - Microchip Technology MCP47FVB1X Datasheet HTML 72Page - Microchip Technology MCP47FVB1X Datasheet HTML 73Page - Microchip Technology MCP47FVB1X Datasheet HTML 74Page - Microchip Technology MCP47FVB1X Datasheet HTML 75Page - Microchip Technology MCP47FVB1X Datasheet HTML 76Page - Microchip Technology MCP47FVB1X Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 73
MCP47FVBXX
10.0
PACKAGING INFORMATION
10.1
Package Marking Information
8-Lead TSSOP (4.4 mm)
Example
AAAC
E449
256
Device Number
Code
Device Number
Code
MCP47FVB01A0-E/ST
AAAA
MCP47FVB12A0-E/ST
AAAE
MCP47FVB01A0T-E/ST
AAAA
MCP47FVB12A0T-E/ST
AAAE
MCP47FVB01A1-E/ST
AABN
MCP47FVB12A1-E/ST
AACA
MCP47FVB01A1T-E/ST
AABN
MCP47FVB12A1T-E/ST
AACA
MCP47FVB01A2-E/ST
AABP
MCP47FVB12A2-E/ST
AACB
MCP47FVB01A2T-E/ST
AABP
MCP47FVB12A2T-E/ST
AACB
MCP47FVB01A3-E/ST
AABQ
MCP47FVB12A3-E/ST
AACC
MCP47FVB01A3T-E/ST
AABQ
MCP47FVB12A3T-E/ST
AACC
MCP47FVB02A0-E/ST
AAAD
MCP47FVB21A0-E/ST
AAAC
MCP47FVB02A0T-E/ST
AAAD
MCP47FVB21A0T-E/ST
AAAC
MCP47FVB02A1-E/ST
AABX
MCP47FVB21A1-E/ST
AABU
MCP47FVB02A1T-E/ST
AABX
MCP47FVB21A1T-E/ST
AABU
MCP47FVB02A2-E/ST
AABY
MCP47FVB21A2-E/ST
AABV
MCP47FVB02A2T-E/ST
AABY
MCP47FVB21A2T-E/ST
AABV
MCP47FVB02A3-E/ST
AABZ
MCP47FVB21A3-E/ST
AABW
MCP47FVB02A3T-E/ST
AABZ
MCP47FVB21A3T-E/ST
AABW
MCP47FVB11A0-E/ST
AAAB
MCP47FVB22A0-E/ST
AAAF
MCP47FVB11A0T-E/ST
AAAB
MCP47FVB22A0T-E/ST
AAAF
MCP47FVB11A1-E/ST
AABR
MCP47FVB22A1-E/ST
AACD
MCP47FVB11A1T-E/ST
AABR
MCP47FVB22A1T-E/ST
AACD
MCP47FVB11A2-E/ST
AABS
MCP47FVB22A2-E/ST
AACE
MCP47FVB11A2T-E/ST
AABS
MCP47FVB22A2T-E/ST
AACE
MCP47FVB11A3-E/ST
AABT
MCP47FVB22A3-E/ST
AACF
MCP47FVB11A3T-E/ST
AABT
MCP47FVB22A3T-E/ST
AACF
Legend:
XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note
:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
XYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com