Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 1 Page - Microchip Technology

  MCP47FVB1X Datasheet HTML 1Page - Microchip Technology MCP47FVB1X Datasheet HTML 2Page - Microchip Technology MCP47FVB1X Datasheet HTML 3Page - Microchip Technology MCP47FVB1X Datasheet HTML 4Page - Microchip Technology MCP47FVB1X Datasheet HTML 5Page - Microchip Technology MCP47FVB1X Datasheet HTML 6Page - Microchip Technology MCP47FVB1X Datasheet HTML 7Page - Microchip Technology MCP47FVB1X Datasheet HTML 8Page - Microchip Technology MCP47FVB1X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 1
MCP47FVBXX
Features
• Operating Voltage Range:
- 2.7V to 5.5V – Full Specifications
- 1.8V to 2.7V – Reduced Device Specifications
• Output Voltage Resolutions:
- 8-bit: MCP47FVB0X (256 Steps)
- 10-bit: MCP47FVB1X (1024 Steps)
- 12-bit: MCP47FVB2X (4096 Steps)
• Rail-to-Rail Output
• Fast Settling Time of 6 µs (typical)
• DAC Voltage Reference Source Options:
- Device VDD
-External VREF pin (buffered or unbuffered)
- Internal Band Gap (1.22V typical)
• Output Gain Options:
-(1x) Unity
- 2x (when not using internal VDD as voltage
source)
• Power-on/Brown-out Reset Protection
• Power-Down Modes:
- Disconnects output buffer (High Impedance)
- Selection of VOUT pull-down resistors
(100 k
 or 1 k)
• Low Power Consumption:
- Normal operation: <180 µA (Single), 380 µA
(Dual)
- Power-down operation: 650 nA typical
•I2C™ Interface:
- Slave address options: four predefined
addresses
- Standard (100 kbps), Fast (400 kbps), and
High-Speed (up to 3.4 Mbps) modes
- High Voltage Command Support
(MCP47FEBXX compatibility)
• Package Types: 8-lead TSSOP
• Extended Temperature Range: -40°C to +125°C
Package Types
General Description
The MCP47FVBXX are Single- and Dual-channel 8-bit,
10-bit, and 12-bit buffered voltage output Digital-to-
Analog Converters (DAC) with volatile memory and an
I2C serial interface.
The VREF pin, the device VDD or the internal band gap
voltage can be selected as the DAC’s reference
voltage. When VDD is selected, VDD is connected
internally to the DAC reference circuit. When the VREF
pin is used, the user can select the output buffer’s gain
to be 1 or 2. When the gain is 2, the VREF pin voltage
should be limited to a maximum of VDD/2.
These devices have a two-wire I2C-compatible serial
interface for Standard (100 kHz), Fast (400 kHz) or
High-Speed (1.7 MHz and 3.4 MHz) modes.
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Low-Power Portable Instrumentation
• PC Peripherals
• Data Acquisition Systems
• Motor Control
MCP47FVBX1
TSSOP
Single
VOUT0
VREF0
NC
SCL
LAT0/HVC
1
2
3
4
8
7
6
5 VSS
SDA
VDD
MCP47FVBX2
TSSOP
Dual
VOUT0
VREF(1)
VOUT1
SCL
LAT(1)/HVC
1
2
3
4
8
7
6
5 VSS
SDA
VDD
Note 1:
This pin’s signal can be connected to DAC0
and/or DAC1.
8- /10- /12-Bit Single/Dual Voltage Output Volatile
Digital-to-Analog Converters with I
²C™ Interface


Similar Part No. - MCP47FVB1X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP47FVB11 MICROCHIP-MCP47FVB11 Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP47FVB11 MICROCHIP-MCP47FVB11 Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP47FVB12 MICROCHIP-MCP47FVB12 Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP47FVB12 MICROCHIP-MCP47FVB12 Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
More results

Similar Description - MCP47FVB1X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4901 MICROCHIP-MCP4901 Datasheet
3Mb / 50P
8/10/12-Bit Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4902 MICROCHIP-MCP4902 Datasheet
3Mb / 48P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with SPI Interface
2010
MCP4822E-SN MICROCHIP-MCP4822E-SN Datasheet
1Mb / 46P
8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
01/05/10
MCP4726A2T-E MICROCHIP-MCP4726A2T-E Datasheet
16Mb / 86P
8-/10-/12-Bit Voltage Output Digital-to-Analog Converter
11/29/11
MCP47CXBXX MICROCHIP-MCP47CXBXX Datasheet
8Mb / 124P
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
05/14/19
MCP47FXBX4 MICROCHIP-MCP47FXBX4 Datasheet
9Mb / 124P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with I짼C Interface
02/28/20
MCP48CXBXX MICROCHIP-MCP48CXBXX Datasheet
8Mb / 106P
8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with SPI Interface
08/15/18
MCP48FEBXX MICROCHIP-MCP48FEBXX Datasheet
1Mb / 92P
8-/10-/12-Bit Single/Dual Voltage Output Nonvolatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FVBXX MICROCHIP-MCP48FVBXX Datasheet
1Mb / 84P
8-/10-/12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with SPI Interface
07/14/15
MCP48FXBX4 MICROCHIP-MCP48FXBX4 Datasheet
9Mb / 112P
8/10/12-Bit Quad/Octal Voltage Output, 6 LSb INL Digital-to-Analog Converters with SPI Interface
02/28/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com