Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP47FVB1X Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP47FVB1X
Description  8- /10- /12-Bit Single/Dual Voltage Output Volatile Digital-to-Analog Converters with I짼C??Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47FVB1X Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP47FVB1X Datasheet HTML 79Page - Microchip Technology MCP47FVB1X Datasheet HTML 80Page - Microchip Technology MCP47FVB1X Datasheet HTML 81Page - Microchip Technology MCP47FVB1X Datasheet HTML 82Page - Microchip Technology MCP47FVB1X Datasheet HTML 83Page - Microchip Technology MCP47FVB1X Datasheet HTML 84Page - Microchip Technology MCP47FVB1X Datasheet HTML 85Page - Microchip Technology MCP47FVB1X Datasheet HTML 86Page - Microchip Technology MCP47FVB1X Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
 2015 Microchip Technology Inc.
DS20005405A-page 83
MCP47FVBXX
APPENDIX C:
TERMINOLOGY
C.1
Resolution
The resolution is the number of DAC output states that
divide the full-scale range. For the 12-bit DAC, the
resolution is 212, meaning the DAC code ranges from
0 to 4095.
C.2
Least Significant Bit (LSb)
This is the voltage difference between two successive
codes. For a given output voltage range, it is divided by
the resolution of the device (Equation C-1). The range
may be VDD (or VREF) to VSS (ideal), the DAC register
codes across the linear range of the output driver
(Measured 1), or full-scale to zero-scale (Measured 2).
EQUATION C-1:
LSb VOLTAGE
CALCULATION
C.3
Monotonic Operation
Monotonic operation means that the device’s output
voltage (VOUT) increases with every 1 code step (LSb)
increment (from VSS to the DAC’s reference voltage
(VDD or VREF)).
FIGURE C-1:
VW (VOUT).
Note:
When there are 2N resistors in the resistor
ladder and 2N tap points, the full scale
DAC register code is resistor element
(1 LSb) from the source reference voltage
(VDD or VREF).
VLSb(Measured) =
VOUT(@4000) - VOUT(@100)
(4000 - 100)
2N = 4096 (MCP47FVB2x)
= 1024 (MCP47FVB1x)
= 256 (MCP47FVB0x)
Ideal
VLSb(IDEAL) =
or
VDD
2N
VREF
2N
Measured 1
VLSb =
VOUT(@FS) - VOUT(@ZS)
2N - 1
Measured 2
40h
3Fh
3Eh
03h
02h
01h
00h
Voltage (VW ~= VOUT)
VW (@ tap)
VS0
VS1
VS3
VS63
VS64
VW =
VSn + VZS(@ Tap 0)
n = 0
n = ?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com