Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button HMC774ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 26Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
HMC774ALC3B
Rev. A | Page 25 of 27
APPLICATIONS INFORMATION
EVALUATION BOARD
Figure 93 and Figure 94 show the top and cross sectional views
of the evaluation board, which uses 4-layer construction, with a
copper thickness of 0.5 oz (0.7 mil) and dielectric materials
between each copper layer.
Figure 93. Evaluation Board Layout Top View
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
W = 18mil
G = 13mil
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
10mil ARLON 25 FR or ROGERS 4350
ISOLA 370HR AS REQUIRED
PREPREG AS REQUIRED
0.5oz Cu (0.7mil)
Figure 94. Evaluation Board Cross Sectional View
All RF traces are routed on Layer 1, and all other remaining
layers are ground planes that provide a solid ground for RF
transmission lines. The top dielectric material is Rogers 4350,
offering low loss performance. The prepreg material in the
middle sticks core layers together, which includes an Isola
370HR layer with copper traces above and below. Both the
prepreg material and the Isola 370HR core layer are used to
achieve required board finish thickness.
The RF transmission lines are designed using a coplanar
waveguide (CPWG) model with a width of 18 mil and ground
spacing of 13 mil for a characteristic impedance of 50 Ω. For
optimal RF and thermal grounding, as many plated through
vias as possible are arranged around the transmission lines and
under the exposed pad of the package.
Figure 95 shows the actual EV1HMC774ALC3B evaluation board
with component placement. Because the EV1HMC774ALC3B is a
passive device, there is no requirement for external components.
The LO, RF, and IF pins are internally dc-coupled. Use an
external series capacitor when an operation is not required.
Choose a value that stays within the necessary frequency range
for each port. When an operation to dc is required, do not
exceed the source and sink current ratings specified in the
Absolute Maximum Ratings section.
1000mils
590mils
Figure 95. EV1HMC774ALC3B Evaluation Board
The EV1HMC774ALC3B evaluation board shown in Figure 95
is available for order from the Analog Devices, Inc., website at
www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com