Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC774ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
7 GHz to 34 GHz,
MMIC, Double Balanced Mixer
Data Sheet
HMC774ALC3B
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive: no dc bias required
Input IP3: 20 dBm typical, downconverter
LO to RF isolation: 30 dB typical
Wide IF bandwidth: dc to 8 GHz
12-terminal, ceramic, 2.90 mm × 2.90 mm LCC
APPLICATIONS
Point to point radios
Point to multipoint radios and very small aperture terminals
(VSATs)
Test equipment and sensors
Military end use
FUNCTIONAL BLOCK DIAGRAM
1
GND
7
GND
8
RF
9
GND
10
11
12
4
2
LO
3
GND
5
6
HMC774ALC3B
Figure 1.
GENERAL DESCRIPTION
The HMC774ALC3B is a general-purpose, double balanced
mixer in a leadless, RoHS compliant, surface-mount package
that can be used as an upconverter or a downconverter between
7 GHz and 34 GHz. This mixer requires no external
components or matching circuitry. The HMC774ALC3B
provides excellent LO to RF isolation and LO to IF isolation due
to optimized balun structures.
The mixer operates best with a LO drive level of 15 dBm
(typical). The HMC774ALC3B eliminates the need for wire
bonding, allowing the use of surface-mount manufacturing
techniques.


Similar Part No. - HMC774ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
HMC774A-SX AD-HMC774A-SX Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
More results

Similar Description - HMC774ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141LH5 HITTITE-HMC141LH5 Datasheet
280Kb / 6P
GaAs MMIC SMT DOUBLE BALANCED MIXER, 7 - 14 GHz
HMC171C8 HITTITE-HMC171C8_08 Datasheet
231Kb / 4P
GaAs MMIC SMT DOUBLE-BALANCED MIXER, 7 - 10 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC560A AD-HMC560A Datasheet
786Kb / 29P
24 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
9/2020-Revision 0
HMC213BMS8E AD-HMC213BMS8E Datasheet
316Kb / 21P
1.5 GHz to 4.5 GHz, GaAs, MMIC, Double Balanced Mixer
2/2018-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC554ACHIPS AD-HMC554ACHIPS Datasheet
378Kb / 28P
10 GHz to 20 GHz, GaAs, MMIC, Double-Balanced Mixer
10/2019-Revision 0
HMC774A AD-HMC774A Datasheet
324Kb / 19P
7 GHz to 40 GHz, GaAs, MMIC, Double Balanced Mixer
5/2018-Revision 0
ADMV1550 AD-ADMV1550 Datasheet
3Mb / 34P
15 GHz to 65 GHz, GaAs, MMIC, Double Balanced Mixer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com