Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC774ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Data Sheet
HMC774ALC3B
Rev. A | Page 3 of 27
SPECIFICATIONS
7 GHz TO 20 GHz FREQUENCY RANGE
Measurements are performed in downconverter mode at TA = 25°C, IF frequency (fIF) = 500 MHz, RF power (PRF) = −10 dBm, LO power
(PLO) = +15 dBm, and upper sideband (USB) with 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
Radio Frequency
fRF
7
20
GHz
Intermediate Frequency
fIF
DC
8
GHz
Local Oscillator
fLO
7
34
GHz
LO DRIVE LEVEL
11
15
17
dBm
RF PERFORMANCE
Downconverter
Conversion Loss
10
15
dB
Input Third-Order Intercept
IP3
12.5
20
dBm
Input Second-Order Intercept
IP2
48
dBm
Input 1 dB Compression Point
P1dB
12
dB
Single Sideband Noise Figure
SSB NF
12
dB
Isolation
RF to IF
7
9
dB
LO to RF
28
30
dB
LO to IF
20.5
23
dB
Upconverter
Conversion Loss
10
dB
Input Third-Order Intercept
IP3
27
dBm
20 GHz TO 34 GHz FREQUENCY RANGE
Measurements are performed in downconverter mode at TA = 25°C, fIF = 500 MHz, PRF = −10 dBm, PLO = +15 dBm, and lower sideband
with 50 Ω system, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
Radio Frequency
fRF
20
34
GHz
Intermediate Frequency
fIF
DC
8
GHz
Local Oscillator
fLO
20
34
GHz
LO DRIVE LEVEL
11
15
17
dBm
RF PERFORMANCE
Downconverter
Conversion Loss
12
15.5
dB
Input Third-Order Intercept
IP3
17
20
dBm
Input Second-Order Intercept
IP2
40
dBm
Input 1 dB Compression Point
P1dB
13
dB
Single Sideband Noise Figure
SSB NF
12
dB
Isolation
RF to IF
25
30
dB
LO to RF
27.5
33
dB
LO to IF
30
40
dB
Upconverter
Conversion Loss
9
dB
Input Third-Order Intercept
IP3
23
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com