Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 23 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 23 Page - Analog Devices

Back Button HMC774ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 26Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
HMC774ALC3B
Rev. A | Page 23 of 27
SPURIOUS PERFORMANCE
LO Harmonics
When measuring the LO harmonics, the 15 dBm LO input
power is applied at various LO frequencies.
All values are in decibels below the LO power level measured at
the RF port. N/A means not applicable.
Table 6. LO Frequency vs. N × LO Spur at RF Port
N × LO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
8
33
29
50
46
10
41
34
69
47
18
36
59
N/A
N/A
28
32
N/A
N/A
N/A
All values are in decibels below the LO power level measured at
the IF port. N/A means not applicable.
Table 7. LO Frequency vs. N × LO Spur at IF Port
N × LO Spur at IF Port
LO Frequency (GHz)
1
2
3
4
8
49
73
97
113
10
55
80
100
118
18
68
110
N/A
N/A
28
65
N/A
N/A
N/A
M × N Spurious Outputs
Mixer spurious products are measured in decibels from either
below the RF or the IF output power level. N/A means not
applicable.
RF = 17.5 GHz at −10 dBm, and LO = 18 GHz at +15 dBm are
applied. Spur values are (M × RF) − (N × LO).
N × LO
0
1
2
3
4
M × RF
0
N/A
13
40
N/A
N/A
1
18
0
54
50
N/A
2
62
74
63
72
63
3
N/A
66
75
71
74
4
N/A
N/A
63
74
86
IF = 0.5 GHz at −10 dBm, and LO = 18 GHz at +15 dBm are
applied. Spur values are (M × IF) + (N × LO).
N × LO
0
1
2
3
4
M × IF
−4
86
79
66
N/A
N/A
−3
88
59
65
N/A
N/A
−2
67
39
62
N/A
N/A
−1
38
0
21
N/A
N/A
0
N/A
2
26
N/A
N/A
+1
38
0
18
N/A
N/A
+2
67
40
53
N/A
N/A
+3
84
65
60
N/A
N/A
+4
87
77
60
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com