Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 17 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 17 Page - Analog Devices

Back Button HMC774ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 16Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 17Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
Data Sheet
HMC774ALC3B
Rev. A | Page 17 of 27
UPCONVERTER, IF = 3000 MHz, LOWER SIDEBAND
–4
–8
–12
–16
–20
6
33
RF FREQUENCY (GHz)
9
12
15
18
21
24
27
30
+85°C
+25°C
–40°C
Figure 63. Conversion Loss vs. RF Frequency over Various Temperatures,
PLO = 15 dBm
35
0
5
10
15
20
25
30
6
33
RF FREQUENCY (GHz)
9
12
15
18
21
24
27
30
+85°C
+25°C
–40°C
Figure 64. Input IP3 vs. RF Frequency over Various Temperatures,
PLO = 15 dBm
–4
–8
–12
–16
–20
6
33
RF FREQUENCY (GHz)
9
12
15
18
21
24
27
30
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 65. Conversion Loss vs. RF Frequency over LO Drives
35
0
5
10
15
20
25
30
6
33
RF FREQUENCY (GHz)
9
12
15
18
21
24
27
30
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 66. Input IP3 vs. RF Frequency over Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com