Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button HMC774ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 26Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
HMC774ALC3B
Data Sheet
Rev. A | Page 26 of 27
Figure 96 shows the Pb-free reflow solder profile.
60 SECONDS
TO 180 SECONDS
20 SECONDS
TO 40 SECONDS
480 SECONDS MAX
TIME (Seconds)
260°C –5°C/+0°C
150°C TO 200°C
RAMP DOWN
6°C/SECOND
MAX
217°C
RAMP UP
3°C/SECOND MAX
60 SECONDS
TO
150 SECONDS
Figure 96. Pb-Free Reflow Solder Profile
Figure 97 shows the evaluation board schematic, and Table 8
lists the bill of materials for the EV1HMC774ALC3B evaluation
board shown in Figure 95.
GND
GND
RF
GND
LO
GND
IF
10
11
12
1
2
3
4
5
6
7
8
9
Figure 97. EV1HMC774ALC3B Evaluation Board Schematic
Table 8. Bill of Materials for the EV1HMC774ALC3B
Evaluation Board
Component
Description
J1, J2
2.92 mm connector
J3
SMA connector
U1
HMC774ALC3B
PCB1
08-048177 Evaluation PCB
1
108-047919 is the raw bare PCB identifier. Reference the EV1HMC774ALC3B
part number when ordering the complete evaluation PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com