Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 27 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 27 Page - Analog Devices

Back Button HMC774ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 26Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
HMC774ALC3B
Rev. A | Page 27 of 27
OUTLINE DIMENSIONS
0.50
BSC
0.32
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
0.08
BSC
1
4
6
7
9
10
12
3
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.36
0.30
0.24
PIN 1
EXPOSED
PAD
PIN 1
INDICATOR
3.05
2.90 SQ
2.75
2.10 BSC
1.00 REF
1.60
1.50 SQ
1.40
0.90
0.80
0.70
SEATING
PLANE
Figure 98. 12-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-12-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Moisture Sensitivity
Level (MSL) Rating2
Package Description
Package Option
HMC774ALC3B
−40°C to +85°C
MSL3
12-Terminal Ceramic Leadless Chip Carrier [LCC]
E-12-4
HMC774ALC3BTR
−40°C to +85°C
MSL3
12-Terminal Ceramic Leadless Chip Carrier [LCC]
E-12-4
HMC774ALC3BTR-R5
−40°C to +85°C
MSL3
12-Terminal Ceramic Leadless Chip Carrier [LCC]
E-12-4
EV1HMC774ALC3B
Evaluation PCB Assembly
1
All models are RoHS Compliant Parts.
2
See Figure 96 for the peak reflow temperature.
©2018 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D13897-0-6/18(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com