Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC774ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
HMC774ALC3B
Data Sheet
Rev. A | Page 4 of 27
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
RF Input Power when LO = 18 dBm
21 dBm
LO Drive
25 dBm
IF Input Power when LO = 18 dBm
21 dBm
LO and RF DC Source and Sink Current
55 mA
IF Port Maximum Sink and Source Current
3 mA
Maximum Channel Temperature
175°C
Maximum Junction Temperature
165°C
Continuous Power Dissipation, PDISS
(TA = 85°C, Derate 2.9 mW/°C Above 85°C)
189 mW
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
−65°C to +150°C
Reflow Temperature
260°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
Class 1C (1.5 kV)
Field Induced Charge Device Model (FICDM)
Class IV (1.25 kV)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the thermal resistance value that is measured from
junction to air, and θJC is the thermal resistance value that is
measured from junction to case (package).
Table 4. Thermal Resistance
Package Type1
θJA
θJC
Unit
E-12-4
120
274
°C/W
1
See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance (PCB with 3 × 3 vias).
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com