Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button HMC774ALC3BTR-R5 Datasheet HTML 18Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 19Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 20Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 21Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 22Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 23Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 24Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 25Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
HMC774ALC3B
Data Sheet
Rev. A | Page 22 of 27
ISOLATION AND RETURN LOSS
0
–10
–30
–20
–50
–40
–60
6
36
RF FREQUENCY (GHz)
11
16
21
26
31
LO TO RF
RF TO IF
LO TO IF
Figure 87. Isolation vs. RF Frequency for Various Isolations
0
–5
–15
–10
–20
–25
0
8
IF FREQUENCY (GHz)
2
4
6
+85°C
+25°C
–40°C
Figure 88. IF Return Loss vs. IF Frequency over Various Temperatures at
fLO = 7 GHz, PLO = 15 dBm
0
–5
–15
–10
–20
–25
0
8
IF FREQUENCY (GHz)
2
4
6
17dBm
15dBm
13dBm
11dBm
Figure 89. IF Return Loss vs. IF Frequency over Various LO Drives at
fLO = 7 GHz, TA = 25°C
0
–5
–15
–10
–20
–25
7
35
RF FREQUENCY (GHz)
23
27
15
11
19
31
+85°C
+25°C
–40°C
Figure 90. RF Return Loss vs. RF Frequency over Various Temperatures at
fLO = 7 GHz, PLO = 15 dBm
0
–5
–15
–10
–20
–25
7
11
15
19
23
27
31
35
RF FREQUENCY (GHz)
17dBm
15dBm
13dBm
11dBm
Figure 91. RF Return Loss vs. RF Frequency over Various LO Drives at
fLO = 7 GHz
0
–5
–15
–10
–20
–25
7
11
15
19
23
27
31
35
LO FREQUENCY (GHz)
Figure 92. LO Return Loss vs. LO Frequency at TA = 25°C, PLO = 15 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com