Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC774ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Data Sheet
HMC774ALC3B
Rev. A | Page 11 of 27
DOWNCONVERTER, IF = 3000 MHz, LOWER SIDEBAND
–4
–8
–12
–16
–20
69
RF FREQUENCY (GHz)
12
15
18
21
24
27
30
+85°C
+25°C
–40°C
33
Figure 29. Conversion Loss vs. RF Frequency over Various Temperatures,
PLO = 15 dBm
35
0
5
10
15
20
25
30
69
RF FREQUENCY (GHz)
12
15
18
21
24
27
30
+85°C
+25°C
–40°C
33
Figure 30. Input IP3 vs. RF Frequency over Various Temperatures,
PLO = 15 dBm
80
10
20
30
40
50
60
70
69
RF FREQUENCY (GHz)
12
15
18
21
24
27
30
+85°C
+25°C
–40°C
33
Figure 31. Input IP2 vs. RF Frequency over Various Temperatures,
PLO = 15 dBm
–4
–8
–12
–16
–20
69
RF FREQUENCY (GHz)
12
15
18
21
24
27
30
33
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 32. Conversion Loss vs. RF Frequency over Various LO Drives
35
0
5
10
15
20
25
30
69
RF FREQUENCY (GHz)
12
15
18
21
24
27
30
33
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 33. Input IP3 vs. RF Frequency over Various LO Drives
80
10
20
30
40
50
60
70
69
RF FREQUENCY (GHz)
12
15
18
21
24
27
30
33
LO = 11dBm
LO = 13dBm
LO = 15dBm
LO = 17dBm
Figure 34. Input IP2 vs. RF Frequency over Various LO Drives



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com