Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC774ALC3BTR-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC774ALC3BTR-R5
Description  7 GHz to 34 GHz, MMIC, Double Balanced Mixer
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC774ALC3BTR-R5 Datasheet(HTML) 2 Page - Analog Devices

  HMC774ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC774ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
HMC774ALC3B
Data Sheet
Rev. A | Page 2 of 27
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
7 GHz to 20 GHz Frequency Range........................................... 3
20 GHz to 34 GHz Frequency Range......................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Interface Schematics..................................................................... 5
Typical Performance Characteristics ............................................. 6
Downconverter, IF = 500 MHz, Upper Sideband .................... 6
Downconverter, IF = 500 MHz, Lower Sideband .................... 8
Downconverter, IF = 3000 MHz, Upper Sideband ................ 10
Downconverter, IF = 3000 MHz, Lower Sideband ................ 11
Downconverter, IF = 8000 MHz, Upper Sideband................ 12
Downconverter, IF = 8000 MHz, Lower Sideband................ 13
Upconverter, IF = 500 MHz, Upper Sideband ....................... 14
Upconverter, IF = 500 MHz, Lower Sideband........................ 15
Upconverter, IF = 3000 MHz, Upper Sideband ..................... 16
Upconverter, IF = 3000 MHz, Lower Sideband ..................... 17
Upconverter, IF = 8000 MHz, Upper Sideband ..................... 18
Upconverter, IF = 8000 MHz, Lower Sideband ..................... 19
IF Bandwidth, LO = 28 GHz, Upper Sideband ...................... 20
IF Bandwidth, LO = 34 GHz, Lower Sideband ...................... 21
Isolation and Return Loss ......................................................... 22
Spurious Performance ............................................................... 23
Theory of Operation ...................................................................... 24
Applications Information .............................................................. 25
Evaluation Board ........................................................................ 25
Outline Dimensions....................................................................... 27
Ordering Guide .......................................................................... 27
REVISION HISTORY
6/2018—Rev. 0 to Rev. A
Change to General Description Section and Features Section... 1
Change to Table 1 and Table 2 ........................................................ 3
Change to Table 5 ............................................................................. 5
Changed Downconverter, IF = 500 MHz Section to
Downconverter, IF = 500 MHz, Upper Sideband Section .......... 6
Changes to Figure 7 to Figure 12.................................................... 6
Changes to Figure 13........................................................................ 7
Added Figure 14; Renumbered Sequentially ................................ 7
Added Downconverter, IF = 500 MHz, Lower Sideband
Section................................................................................................ 8
Added Figure 15 to Figure 20.......................................................... 8
Added Figure 21 and Figure 22....................................................... 9
Added Downconverter, IF = 3000 MHz, Upper Sideband
Section.............................................................................................. 10
Changes to Figure 23 and Figure 24............................................. 10
Added Downconverter, IF = 3000 MHz, Upper Sideband
Section.............................................................................................. 10
Added Figure 25 to Figure 28........................................................ 10
Added Downconverter, IF = 3000 MHz, Lower Sideband
Section.............................................................................................. 11
Added Figure 29 to Figure 34........................................................ 11
Added Downconverter, IF = 8000 MHz, Upper Sideband
Section.............................................................................................. 12
Added Figure 35 to Figure 40........................................................ 12
Added Downconverter, IF = 8000 MHz, Lower Sideband
Section.............................................................................................. 13
Added Figure 41 to Figure 46........................................................ 13
Changed Upconverter, IF = 500 MHz Section to Upconverter,
IF = 500 MHz, Upper Sideband Section ..................................... 14
Added Figure 48, Figure 49, Figure 51, and Figure 52 .............. 14
Added Upconverter, IF = 500 MHz, Lower Sideband
Section.............................................................................................. 15
Added Figure 54, Figure 55, Figure 57 and Figure 58 ............... 15
Added Upconverter, IF = 3000 MHz, Upper Sideband
Section.............................................................................................. 16
Added Figure 59 to Figure 62 ....................................................... 16
Added Upconverter, IF = 3000 MHz, Lower Sideband
Section.............................................................................................. 17
Added Figure 63 to Figure 66 ....................................................... 17
Added Upconverter, IF = 8000 MHz, Upper Sideband
Section.............................................................................................. 18
Added Figure 67 to Figure 70 ....................................................... 18
Added Upconverter, IF = 8000 MHz, Lower Sideband
Section.............................................................................................. 19
Added Figure 71 to Figure 74 ....................................................... 19
Changed IF Bandwidth Section to IF Bandwidth, LO = 28 GHz,
Upper Sideband Section ................................................................ 20
Added Figure 75 to Figure 80 ....................................................... 20
Added IF Bandwidth, LO = 34 GHz, Lower Sideband
Section.............................................................................................. 20
Added Figure 81 to Figure 86 ....................................................... 21
Changes to Spurious Performance Section and Table 6............ 23
Added Table 7; Renumbered Sequentially .................................. 23
2/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com