Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 3 Page - Analog Devices

  HMC1048ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Data Sheet
HMC1048ALC3B
Rev. B | Page 3 of 15
SPECIFICATIONS
2.25 GHz TO 12 GHz FREQUENCY RANGE
The measurements are performed in downconverter mode at TA = 25°C, IF frequency (fIF) = 100 MHz, RF signal power = −10 dBm,
LO power (PLO) = 13 dBm, and lower sideband with a 50 Ω system, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
RF Frequency
fRF
2.25
12
GHz
IF Frequency
fIF
DC
4
GHz
LO Frequency
fLO
2.25
12
GHz
LO DRIVE LEVEL
9
13
17
dBm
RF PERFORMANCE
Downconverter
Conversion Loss
10
14
dB
Single Sideband Noise Figure
SSB NF
10
dB
Input Third-Order Intercept
IP3
20
dBm
Input 1 dB Compression Point
P1dB
10
dB
ISOLATION
RF to IF
8
15
dB
LO to RF
18
25
dB
LO to IF
15
20
dB
12 GHz TO 18 GHz FREQUENCY RANGE
The measurements are performed in downconverter mode at TA = 25°C, fIF = 100 MHz, RF signal power = −10 dBm, PLO = 13 dBm, and
lower sideband with a 50 Ω system, unless otherwise noted.
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
FREQUENCY RANGE
RF Frequency
fRF
12
18
GHz
IF Frequency
fIF
DC
4
GHz
LO Frequency
fLO
12
18
GHz
LO DRIVE LEVEL
9
13
17
dBm
RF PERFORMANCE
Downconverter
Conversion Loss
10
14
dB
Single Sideband Noise Figure
SSB NF
10
dB
Input Third-Order Intercept
IP3
20
dBm
Input 1 dB Compression Point
P1dB
11
dB
ISOLATION
RF to IF
6
20
dB
LO to RF
25
30
dB
LO to IF
25
30
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com