Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 4 Page - Analog Devices

  HMC1048ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HMC1048ALC3B
Data Sheet
Rev. B | Page 4 of 15
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
RF Input Power when LO = 18 dBm
16 dBm
LO Input Power
20 dBm
IF Input Power when LO = 18 dBm
16 dBm
IF Port Maximum Sink and Source Current
6 mA
Maximum Junction Temperature
175°C
Continuous Power Dissipation, PDISS
(TA = 85°C, Derate 2.6 mW/°C Above 85°C)
235 mW
Operating Temperature Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
−65°C to +150°C
Reflow Temperature
260°C
Electrostatic Discharge (ESD) Sensitivity
Human Body Model (HBM)
Class 1B (750 V)
Field Induced Charge Device Model
(FICDM)
Class C3 (1.25 kV)
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one-cubic foot sealed enclosure, and
θJC is the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
E-12-41
120
383
°C/W
1
See JEDEC standard JESD51-2 for additional information on optimizing the
thermal impedance.
SOLDER PROFILE
The typical Pb-free reflow solder profile shown in Figure 2 is
based on JEDEC J-STD-20C.
60 SECONDS
TO 180 SECONDS
20 SECONDS
TO 40 SECONDS
480 SECONDS MAX
TIME (Seconds)
260°C –5°C/+0°C
150°C TO 200°C
RAMP DOWN
6°C/SECONDS MAX
217°C
RAMP UP
3°C/SEC MAX
60 SECONDS
TO
150 SECONDS
Figure 2. Pb-Free Reflow Solder Profile
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com