Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HMC1048ALC3B
Data Sheet
Rev. B | Page 10 of 15
ISOLATION AND RETURN LOSS
0
–70
–60
–50
–40
–30
–20
–10
2
18
16
14
12
10
8
6
4
FREQUENCY (GHz)
LO TO IF
RF TO IF
LO TO RF
Figure 26. Isolation vs. Frequency, TA = 25°C
0
–40
–16
–20
–24
–28
–32
–36
–12
–8
–4
2
4
6
8
10
12
14
16
18
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 27. RF Return Loss vs. RF Frequency over Temperature at fLO = 5.5 GHz,
PLO = 13 dBm
0
–20
–16
–12
–8
–4
2
4
6
8
10
12
14
16
18
LO FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 28. LO Return Loss vs. LO Frequency over Temperature at
PLO = 13 dBm
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
500
4000
3500
3000
2500
2000
1500
1000
IF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 29. IF Return Loss vs. IF Frequency over Temperature at fLO = 5.5 GHz,
PLO = 13 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com