Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 5 Page - Analog Devices

  HMC1048ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
HMC1048ALC3B
Rev. B | Page 5 of 15
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
GND
7 GND
8 RF
9 GND
10
11
12
4
2
LO
3
GND
5
6
HMC1048ALC3B
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
THESE PINS CAN BE CONNECTED TO RF
AND DC GROUND. PERFORMANCE IS
NOT AFFECTED.
2. EXPOSED PAD MUST BE CONNECTED TO
THE RF AND DC GROUND OF THE PCB.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 7, 9, 10, 12
GND
Ground. These pins must be connected to RF and dc ground of the PCB. See Figure 4 for the interface
schematic.
2
LO
Local Oscillator Port. This pin is ac-coupled and matched to 50 Ω. See Figure 5 for the interface schematic.
4, 6, 11
NIC
Not Internally Connected. These pins can be connected to RF and dc ground. Performance is not affected.
5
IF
Intermediate Frequency Port. For applications not requiring operation to dc, dc block this port externally
using a series capacitor of a value chosen to pass the necessary IF frequency range. For operation to dc, IF
must not source or sink more than 6 mA of current. Otherwise, die malfunction and possible die failure
can result. See Figure 6 for the interface schematic.
8
RF
Radio Frequency Port. This pin is ac-coupled and matched to 50 Ω. See Figure 7 for the interface
schematic.
EPAD
Exposed Pad. Exposed pad must be connected to the RF and dc ground of the PCB.
INTERFACE SCHEMATICS
GND
Figure 4. GND Interface Schematic
LO
Figure 5. LO Interface Schematic
IF
Figure 6. IF Interface Schematic
RF
Figure 7. RF Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com