Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button HMC1048ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
HMC1048ALC3B
Data Sheet
Rev. B | Page 6 of 15
TYPICAL PERFORMANCE CHARACTERISTICS
DOWNCONVERTER PERFORMANCE
IF = 100 MHz, Lower Sideband (High-Side LO)
0
–20
–16
–12
–8
–4
2
18
16
14
12
10
8
6
4
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 8. Conversion Loss vs. RF Frequency over Temperature
at fIF = 100 MHz, PLO = 13 dBm
30
5
10
15
20
25
2
18
16
14
12
10
8
6
4
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 9. Input IP3 vs. RF Frequency over Temperature
at fIF = 100 MHz, PLO = 13 dBm
20
0
4
8
12
16
2
18
16
14
12
10
8
6
4
RF FREQUENCY (GHz)
+85°C
+25°C
–40°C
Figure 10. Input P1dB vs. RF Frequency over Temperature
at fIF = 100 MHz, PLO = 13 dBm
0
–20
–16
–12
–8
–4
2
18
16
14
12
10
8
6
4
RF FREQUENCY (GHz)
17dBm
15dBm
13dBm
11dBm
9dBm
Figure 11. Conversion Loss vs. RF Frequency over LO Drive
at fIF = 100 MHz, TA = 25°C
5
10
15
20
25
30
2
4
6
8
10
12
14
16
18
RF FREQUENCY (GHz)
17dBm
15dBm
13dBm
11dBm
9dBm
Figure 12. Input IP3 vs. RF Frequency over LO Drive at fIF = 100 MHz,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com