Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
HMC1048ALC3B
Data Sheet
Rev. B | Page 14 of 15
Figure 32 shows the EV1HMC1048ALC3B evaluation board
with component placement. Because the HMC1048ALC3B is a
passive device, there is no requirement for external components.
The LO and RF pins are internally ac-coupled. The IF pin is
internally dc-coupled. Use an external series capacitor when IF
operation is not required. Choose a value that stays within the
necessary IF frequency range (dc to 4 GHz). When IF operation
to dc is required, do not exceed the IF source and sink current
rating, as specified in the Absolute Maximum Ratings section.
The evaluation board shown in Figure 32 is available for order
from the Analog Devices, Inc., website at www.analog.com/EVAL-
HMC1048A.
590MILS
1000MILS
Figure 32. EV1HMC1048ALC3B Evaluation Board
Table 7 and Figure 33 show the evaluation board schematic and
bill of materials, respectively.
Table 7. Bill of Materials for the EV1HMC1048ALC3B
Evaluation Board
Item
Description
J1 to J2
2.92 mm connectors
J3
Subminiature Version A (SMA) connector
U1
HMC1048ALC3B
PCB1
08-047919 Evaluation PCB
1
08-047919 is the raw bare PCB identifier. Reference the EV1HMC1048ALC3B
part number when ordering the complete evaluation PCB.
GND
GND
RF
GND
LO
GND
IF
HMC1048ALC3B
1
2
3
4
5
6
12
11
10
9
8
7
Figure 33. EV1HMC1048ALC3B Evaluation Board Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com