Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Data Sheet
HMC1048ALC3B
Rev. B | Page 13 of 15
APPLICATIONS INFORMATION
EVALUATION BOARD
Figure 30 and Figure 31 show the top and cross sectional views of
the EV1HMC1048ALC3B evaluation board, which uses 4-layer
construction with a copper thickness of 0.5 oz (0.7 mil) and
dielectric materials between each copper layer.
All RF traces are routed on Layer 1, and all other remaining layers
are grounded planes that provide a solid ground for RF trans-
mission lines. The top dielectric material is Rogers 4350, offering
low loss performance. The prepreg material in the middle is used to
attach the core layers together, the RoHS compliant Isola 370HR
and the Rogers 4350 layers, with copper traces above and below the
prereg material. Both the prepreg and the Isola 370HR core layer
are used to achieve the required board finish thickness.
The RF transmission lines were designed using a coplanar
waveguide (CPWG) model with a width of 18 mil and ground
spacing of 13 mil for a characteristic impedance of 50 Ω. For
optimal RF and thermal grounding, as many plated through vias as
possible are arranged around the transmission lines and under the
exposed pad of the package.
Figure 30. EV1HMC1048ALC3B Evaluation Board Layout Top View
0.5oz Cu (0.7mil)
ISOL 370HR AS REQUIRED
10 mil ARLON 25 FR OR ROGERS 4350
PREPREG AS REQUIRED
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
0.5oz Cu (0.7mil)
W = 18mil
G = 13mil
Figure 31. EV1HMC1048ALC3B Evaluation Board Cross Sectional View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com