Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 9 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC1048ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
HMC1048ALC3B
Rev. B | Page 9 of 15
IF Bandwidth
0
–20
–16
–12
–8
–4
500
4000
3500
3000
2500
2000
1500
1000
IF FREQUENCY (MHz)
+85°C
+25°C
–40°C
Figure 22. Conversion Loss vs. IF Frequency over Temperature
at fLO = 12 GHz, PLO = 13 dBm
26
14
16
18
20
22
24
500
4000
3500
3000
2500
2000
1500
1000
IF FREQUENCY (MHz)
+85°C
+25°C
–40°C
Figure 23. Input IP3 vs. IF Frequency over Temperature
at fLO = 12 GHz, PLO = 13 dBm
0
–20
–16
–12
–8
–4
500
4000
3500
3000
2500
2000
1500
1000
IF FREQUENCY (MHz)
17dBm
15dBm
13dBm
11dBm
9dBm
Figure 24. Conversion Loss vs. IF Frequency over LO Drive
at fLO = 12 GHz, TA = 25°C
17dBm
15dBm
13dBm
11dBm
9dBm
26
14
16
18
20
22
24
500
4000
3500
3000
2500
2000
1500
1000
IF FREQUENCY (MHz)
Figure 25. Input IP3 vs. IF Frequency over LO Drive at fLO = 12 GHz,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com