Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 11 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 11 Page - Analog Devices

Back Button HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 10Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 11Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 12Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 13Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 14Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
HMC1048ALC3B
Rev. B | Page 11 of 15
SPURIOUS AND HARMONICS PERFORMANCE
M × N Spurious Outputs as Downconverter
When measuring these parameters, −10 dBm RF input power at
4 GHz and 13 dBm LO input power at 4.1 GHz were applied. All
values in dBc below the IF output power level and valid for
lower sideband measurements. N/A means not applicable.
Spur values are (M × RF) − (N × LO).
N × LO
0
1
2
3
4
M × RF
0
N/A
31
19
27
4
1
4
0
27
35
39
2
52
34
40
34
59
3
74
68
57
55
59
4
77
78
77
62
67
LO Harmonics
When measuring these parameters, 13 dBm LO input power
was applied at various LO frequencies. All values in dBc below
LO power level are measured at RF port. N/A means not
applicable.
Table 6. LO Harmonics
N × LO Spur at RF Port
LO Frequency (GHz)
1
2
3
4
2
58
62
57
62
4
34
31
46
40
6
35
30
47
63
10
27
27
39
66
12
47
42
40
65
14
32
55
39
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com