Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 1 Page - Analog Devices

  HMC1048ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2.25 GHz to 18 GHz, MMIC,
Double Balanced Downconverter
Data Sheet
HMC1048ALC3B
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2018–2019 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Passive: no dc bias required
High input IP3: 20 dBm typical
LO to RF isolation: 25 dB typical
LO to IF isolation: 20 dB typical
RF to IF isolation: 15 dB typical
IF frequency range: dc to 4 GHz
Downconverter applications
3 mm × 3 mm, 12-terminal ceramic leadless chip carrier
package
APPLICATIONS
Ka band transponders
Point to multipoint radios and very small aperture terminal
(VSAT)
Test equipment and sensors
Military end use
FUNCTIONAL BLOCK DIAGRAM
GND
GND
RF
GND
LO
GND
HMC1048ALC3B
1
2
3
4
5
6
12
11
10
9
8
7
Figure 1.
GENERAL DESCRIPTION
The HMC1048ALC3B is a general-purpose, monolithic microwave
integrated circuit (MMIC), double balanced mixer that can be used
as a downconverter with dc to 4 GHz at the intermediate frequency
(IF) port and 2.25 GHz to 18 GHz at the radio frequency (RF) port.
The mixer requires no external components or matching circuitry.
The HMC1048ALC3B provides excellent local oscillator (LO) to
RF, LO to IF, and RF to IF isolation. The mixer operates with LO
drive levels from 9 dBm to 17 dBm. The HMC1048ALC3B
eliminates the need for wire bonding and allows the use of surface-
mount manufacturing techniques.


Similar Part No. - HMC1048ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC1048LC3B HITTITE-HMC1048LC3B Datasheet
1Mb / 8P
GaAs MMIC DOUBLE-BALANCED
More results

Similar Description - HMC1048ALC3BTR-R5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC141 HITTITE-HMC141 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC142 HITTITE-HMC142 Datasheet
121Kb / 4P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292 Datasheet
167Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC292 HITTITE-HMC292_08 Datasheet
203Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC292 HITTITE-HMC292_09 Datasheet
212Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 18 - 32 GHz
logo
Analog Devices
HMC560ALM3 AD-HMC560ALM3 Datasheet
381Kb / 22P
22 GHz to 38 GHz, GaAs, MMIC, Double Balanced Mixer
6/2019-Revision 0
HMC260ALC3B AD-HMC260ALC3B Datasheet
273Kb / 16P
10 GHz to 26 GHz, GaAs, MMIC, Double Balanced Mixer
1/2018-Revision 0
HMC553ACHIPS AD-HMC553ACHIPS Datasheet
488Kb / 27P
6 GHz to 14 GHz, GaAs, MMIC, Double-Balanced Mixer
12/2019-Revision 0
HMC774ALC3B AD-HMC774ALC3B Datasheet
519Kb / 27P
7 GHz to 34 GHz, MMIC, Double Balanced Mixer
6/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com