Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC1048ALC3BTR-R5 Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1048ALC3BTR-R5
Description  2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1048ALC3BTR-R5 Datasheet(HTML) 2 Page - Analog Devices

  HMC1048ALC3BTR-R5 Datasheet HTML 1Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 2Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 3Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 4Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 5Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 6Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 7Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 8Page - Analog Devices HMC1048ALC3BTR-R5 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
HMC1048ALC3B
Data Sheet
Rev. B | Page 2 of 15
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
2.25 GHz to 12 GHz Frequency Range...................................... 3
12 GHz to 18 GHz Frequency Range......................................... 3
Absolute Maximum Ratings............................................................ 4
Thermal Resistance ...................................................................... 4
Solder Profile................................................................................. 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions..............................5
Interface Schematics .....................................................................5
Typical Performance Characteristics ..............................................6
Downconverter Performance ......................................................6
Isolation and Return Loss ......................................................... 10
Spurious and Harmonics Performance ................................... 11
Theory of Operation ...................................................................... 12
Applications Information .............................................................. 13
Evaluation Board ........................................................................ 13
Outline Dimensions....................................................................... 15
Ordering Guide .......................................................................... 15
REVISION HISTORY
5/2019—Rev. A to Rev. B
Change to Table 5 ............................................................................. 5
7/2018—Rev. 0 to Rev. A
Changes to Figure 8 and Figure 9................................................... 6
Changes to Figure 13, Figure 14, and Figure 15 ........................... 7
Changes to Figure 17, Figure 18, and Figure 20 ........................... 8
Changes to Figure 26 Caption, Figure 27, and Figure 28.......... 10
2/2018—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com