Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 23 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 23 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
23
Read Status Register (05H or 35H or 15H)
See Figure4.a (SPI mode)& Figure4.b (QPI mode)the Read Status Register (RDSR) instruction is for
reading the Status Register. The Status Register may be read at any time, even while a Program, Erase or
Write Status Register cycle is in progress. When one of these cycles is in progress, it is recommended to
check the Write in Progress (WIP) bit before sending a new instruction to the device. It is also possible to
read the Status Register continuously. For instruction code “05H”, the SO will output Status Register bits
S7~S0. The instruction code “35H”, the SO will output Status Register bits S15~S8, The instruction code
“15H”, the SO will output Status Register bits S23~16.
Figure4 a. Read Status Register Sequence Diagram (SPI Mode)
Figure4 b. Read Status Register Sequence Diagram (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com