Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 46 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 46 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 43Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 44Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 45Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 46Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 47Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 48Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 50Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
46
Read Security Registers (48H)
See Figure 27, the Read Security Registers instruction is similar to Fast Read instruction. The instruction is
followed by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising edge
of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out, at a
Max frequency fC, during the falling edge of SCLK. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out. Once
the A7-A0 address reaches the last byte of the register (Byte FFH), it will reset to 000H, the instruction is
completed by driving /CS high.
Address
A23-A16
A15-A12
A11-A8
A7-A0
Security Registers 1
00H
0001
0000
Byte Address
Security Registers 2
00H
0010
0000
Byte Address
Security Registers 3
00H
0011
0000
Byte Address
Figure27. Read Security Registers instruction Sequence Diagram (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com