Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 59 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 59 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 63Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
59
Erase / Program Suspend (75H)
The Erase/Program Suspend instruction allows the system to interrupt a Sector or Block Erase operation,
then read from or program data to any other sector. The Erase/Program Suspend instruction also allows
the system to interrupt a Page Program operation and then read from any other page or erase any other
sector or block. The Erase/Program Suspend instruction sequence is shown in Figure 39.a (SPI mode) &
Figure 39.b (QPI mode)
The Write Status Registers instruction (01h) and Erase instructions (20h, D8h, C7h, 60h, 44h) are not
allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status
Registers instruction (01h), and Program instructions (02h, 42h) are not allowed during Program Suspend.
Program Suspend is valid only during the Page Program operation.
Figure 39.a. Erase/Program Suspend Command Sequence (SPI mode)
Figure 39.b. Program/Erase Suspend Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com