Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 35 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 35 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 39Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
35
Set Burst with Wrap (77H)
See Figure 18, The Set Burst with Wrap instruction is used in conjunction with “Quad I/O Fast Read” and
“Quad I/O Word Fast Read” instruction to access a fixed length of 8/16/32/64-byte section within a 256-byte
page, in standard SPI mode.
The Set Burst with Wrap instruction sequence:/CS goes low ->Send Set Burst with Wrap instruction
->Send24 Dummy bits ->Send 8 bits “Wrap bits”->/CS goes high.
If W6-4 is set by a Set Burst with Wrap instruction, all the following “Fast Read Quad I/O” and “Word Read
Quad I/O” instructions will use the W6-4 setting to access the 8/16/32/64-byte section within any page. To
exit the “Wrap Around” function and return to normal read operation, another Set Burst with Wrap
instruction should be issued to set W4=1. The default value of W4 upon power on is 1.
W6
W5
W4 = 0
W4 =1 (DEFAULT)
Wrap Around
Wrap Length
Wrap Around
Wrap Length
0
0
Yes
8-byte
No
N/A
0
1
Yes
16-byte
No
N/A
1
0
Yes
32-byte
No
N/A
1
1
Yes
64-byte
No
N/A
Figure18. Set Burst with Wrap Sequence Diagram (SPI mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com