Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 32 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 32 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 36Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
32
Quad I/O Fast Read with “8/16/32/64-Byte Wrap Around”
The Quad I/O Fast Read instruction can also be used to access a specific portion within a page by issuing a
“Set Burst with Wrap” (77H) instruction prior to EBH. The “Set Burst with Wrap” (77H) instruction can either
enable or disable the “Wrap Around” feature for the following EBH instructions. When “Wrap Around” is
enabled, the data being accessed can be limited to either an 8, 16, 32 or 64-byte section of a 256-byte
page. The output data starts at the initial address specified in the instruction, once it reaches the ending
boundary of the 8/16/32/64-byte section, the output will wrap around to the beginning boundary
automatically until /CS is pulled high to terminate the instruction.
The Burst with Wrap feature allows applications that use cache to quickly fetch a critical address and then
fill the cache afterwards within a fixed length (8/16/32/64-byte) of data without issuing multiple read
instructions.
The “Set Burst with Wrap” instruction allows three “Wrap Bits”, W6-4 to be set. The W4 bit is used to enable
or disable the “Wrap Around” operation while W6-5 are used to specify the length of the wrap around
section within a page.
Quad I/O Word Fast Read (E7H)
The Quad I/O Word Fast Read instruction is similar to the Quad Fast Read instruction except that the
lowest address bit (A0) must equal 0 and 2-dummy clock. The instruction sequence is shown in the
followed Figure 15 the first byte addressed can be at any location. The address is automatically
incremented to the next higher address after each byte of data is shifted out. The Quad Enable bit (QE) of
Status Register (S9) must be set to enable for the Quad I/O Word Fast Read instruction.
Quad I/O Word Fast Read with “Continuous Read Mode”
The Quad I/O Word Fast Read instruction can further reduce instruction overhead through setting the
“Continuous Read Mode” bits (M7-0) after the input 3-byte Address bits (A23-0). If the “Continuous Read
Mode” bits (M5-4) = (1, 0), then the next Quad I/O Fast Read instruction (after /CS is raised and then
lowered) does not require the E7H instruction code, the instruction sequence is shown in the followed
Figure 16. If the “Continuous Read Mode” bits M5-4 do not equal to (1,0), the next instruction requires the
first E7H instruction code, thus returning to normal operation. A “Continuous Read Mode” Reset command
can also be used to reset (M5-4) before issuing normal command.
Figure15. Quad I/O Word Fast Read Sequence Diagram (Initial command or previous (M5-
4)≠
(1,0),SPI mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com