Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 60 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 60 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 57Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 58Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 59Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 63Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 64Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
60
Erase / Program Resume (7AH)
The Erase/Program Resume instruction “7Ah” must be written to resume the Sector or Block Erase
operation or the Page Program operation after an Erase/Program Suspend. The Resume instruction “7AH”
will be accepted by the device only if the SUS bit in the Status Register equals to 1 and the WIP bit equals
to 0.
After the Resume instruction is issued the SUS bit will be cleared from 1 to 0 immediately, the WIP bit will
be set from 0 to 1 within 200 ns and the Sector or Block will complete the erase operation or the page will
complete the program operation. If the SUS bit equals to 0 or the WIP bit equals to 1, the Resume
instruction “7Ah” will be ignored by the device. The Erase/Program Resume instruction sequence is shown
in Figure 40.a (SPI mode) & Figure 40.b (QPI mode).
Figure 40.a. Erase/Program Resume Command Sequence (SPI mode)
Figure 40.b. Program/Erase Resume Instruction (QPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com