Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 27 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 27 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 31Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
27
Read Instructions
Read Data (03H)
See Figure 7, the Read Data Bytes (READ) instruction is followed by a 3-byte address (A23-A0), each bit
being latched-in during the rising edge of SCLK. Then the memory content, at that address, is shifted out
on SO, each bit being shifted out, at a Max frequency fR, during the falling edge of SCLK. The address is
automatically incremented to the next higher address after each byte of data is shifted out allowing for a
continuous stream of data. This means that the entire memory can be accessed with a single command as
long as the clock continues. The command is completed by driving /CS high. The whole memory can be
read with a single Read Data Bytes (READ) instruction. Any Read Data Bytes (READ) instruction, while an
Erase, Program or Write cycle is in progress, is rejected without having any effects on the cycle that is in
progress.
The Read Data (03h) instruction is only supported in Standard SPI mode.
Fast Read (0BH)
See Figure 8.a, the Read Data Bytes at Higher Speed (Fast Read) instruction is for quickly reading data out.
It is followed by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in during the rising
edge of SCLK. Then the memory content, at that address, is shifted out on SO, each bit being shifted out,
at a Max frequency fc, during the falling edge of SCLK. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Figure7. Read Data Bytes Sequence Diagram (SPI Mode only)
Figure8 a. Fast Read Sequence Diagram (SPI Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com