Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 24 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 24 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
24
Write Status Register (01H or 31H or 11H)
See Figure 5.a (SPI mode) & Figure 5.b (QPI mode), the Write Status Register instruction allows new
values to be written to the Status Register. Before it can be accepted, a Write Enable instruction must
previously have been executed. After the Write Enable instruction has been decoded and executed, the
device sets the Write Enable Latch (WEL).
The Write Status Register instruction has no effect on S23, S20, S19, S18, S17, S16, S15, S1 and S0 of
the Status Register. /CS must be driven high after the eighth or sixteen bit of the data byte has been latched
in. If not, the Write Status Register instruction is not executed. As soon as /CS is driven high, the self-timed
Write Status Register cycle (whose duration is tW) is initiated. While the Write Status Register cycle is in
progress, the Status Register may still be read to check the value of the Write in Progress (WIP) bit. The
Write in Progress (WIP) bit is 1 during the self-timed Write Status Register cycle, and is 0 when it is
completed. When the cycle is completed, the Write Enable Latch is reset.
The Write Status Register instruction allows the user to change the values of the Block Protect (BP4, BP3,
BP2, BP1, BP0) bits, to define the size of the area that is to be treated as read-only, as defined in Table 3.
The Write Status Register instruction also allows the user to set or reset the Status Register Protect (SRP1
and SRP0) bits in accordance with the Write Protect (/WP) signal. The Status Register Protect (SRP1 and
SRP0) bits and Write Protect (/WP) signal allow the device to be put in the Hardware Protected Mode. The
Write Status Register instruction is not executed once the Hardware Protected Mode is entered.
Figure5 a. Write Status Register Sequence Diagram (SPI mode)
Figure5 b. Write Status Register Sequence Diagram (QPI mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com