Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 29 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 29 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 33Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
29
Quad Output Fast Read (6BH)
See Figure 10, the Quad Output Fast Read instruction is followed by 3-byte address (A23-A0) and a
dummy byte, each bit being latched in during the rising edge of SCLK, then the memory contents are shifted
out 4-bit per clock cycle from IO3, IO2, IO1 and IO0. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Dual I/O Fast Read (BBH)
See Figure 11, the Dual I/O Fast Read instruction is similar to the Dual Output Fast Read instruction but
with the capability to input the 3-byte address (A23-0) and a “Continuous Read Mode” byte 2-bit per clock
by SI and SO, each bit being latched in during the rising edge of SCLK, then the memory contents are
shifted out 2-bit per clock cycle from SI and SO. The first byte addressed can be at any location. The
address is automatically incremented to the next higher address after each byte of data is shifted out.
Dual I/O Fast Read with “continuous Read Mode”
The Dual I/O Fast Read instruction can further reduce instruction overhead through setting the “continuous
Read Mode “bits (M7-4) after the inputs 3-byte address A23-A0).If the “continuous Read Mode
“bits(M5-4)=(1,0),then the next Dual I/O fast Read instruction (after CS/ is raised and then lowered) does
not require the BBH instruction code. The instruction sequence is shown in the following Figure 12.If the
“continuous Read Mode “bits (M5-4) does not equal (1,0),the next instruction requires the first BBH
instruction code, thus returning to normal operation. A “continuous Read Mode” Reset instruction can be
used to reset (M5-4) before issuing normal instruction.
Figure10. Quad Output Fast Read Sequence Diagram (SPI Mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com