Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 53 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 53 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 49Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 50Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 51Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 52Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 53Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 54Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 55Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 56Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 57Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
53
Quad Page Program (32H)
The Quad Page Program instruction is for programming the memory using for pins: IO0, IO1, IO2 and IO3.
To use Quad Page Program the Quad enable in status register Bit9 must be set (QE=1). A Write Enable
instruction must previously have been executed to set the Write Enable Latch bit before sending the Page
Program instruction. The Quad Page Program instruction is entered by driving /CS Low, followed by the
command code (32H), three address bytes and at least one data byte on IO pins.
The instruction sequence is shown in Figure 33, .If more than 256 bytes are sent to the device, previously
latched data are discarded and the last 256 data bytes are guaranteed to be programmed correctly within
the same page. If less than 256 data bytes are sent to device, they are correctly programmed at the
requested addresses without having any effects on the other bytes of the same page. /CS must be driven
high after the eighth bit of the last data byte has been latched in; otherwise the Quad Page Program
instruction is not executed.
As soon as /CS is driven high, the self-timed Quad Page Program cycle (whose duration is tPP) is initiated.
While the Quad Page Program cycle is in progress, the Status Register may be read to check the value of
the Write in Progress (WIP) bit. The Write In Progress (WIP) bit is 1 during the self-timed Quad Page
Program cycle, and is 0 when it is completed. At some unspecified time before the cycle is completed, the
Write Enable Latch bit is reset.A Quad Page Program instruction applied to a page which is protected by
the Block Protect (BP4, BP3, BP2, BP1, BP0) bits (see Table 5&6) is not executed
Figure33. Quad Page Program Sequence Diagram (SPI mode only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com