Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE25QC160GLDPTH Datasheet(PDF) 64 Page - ACE Technology Co., LTD.

Part # ACE25QC160GLDPTH
Description  16M BIT SPI NOR FLASH
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25QC160GLDPTH Datasheet(HTML) 64 Page - ACE Technology Co., LTD.

Back Button ACE25QC160GLDPTH Datasheet HTML 60Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 61Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 62Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 63Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 64Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 65Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 66Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 67Page - ACE Technology Co., LTD. ACE25QC160GLDPTH Datasheet HTML 68Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 73 page
background image
ACE25QC160G
16M BIT SPI NOR FLASH
VER 1.2
64
DC Electrical Characteristics(T=-40℃~85℃, VCC=2.7~3.6V)
Symbol
Parameter
Test Condition
Min.
Typ
Max.
Unit.
ILI
Input Leakage Current
±2
µA
ILO
Output Leakage Current
±2
µA
ICC1
Standby Current
/CS=VCC, VIN=VCC or
VSS
13
25
µA
ICC2
Deep Power-Down Current
/CS=VCC, VIN=VCC or
VSS
2
5
µA
ICC3
Operation Current:(Read)
SCLK=0.1VCC/0.9VCC
at120MHz,Q=Open(*1,*2,*4 I/O)
15
20
mA
SCLK=0.1VCC/0.9VCC
at80MHz,Q=Open(*1,*2,*4 I/O)
13
18
mA
ICC4
Operating Current(Page Program)
/CS=VCC
15
mA
ICC5
Operating Current(WRSR)
/CS=VCC
5
mA
ICC6
Operating Current(Sector Erase)
/CS=VCC
20
mA
ICC7
Operating Current(Block Erase)
/CS=VCC
20
mA
ICC8
Operating Current (Chip Erase)
/CS=VCC
20
mA
VIL
Input Low Voltage
-0.5
0.2VCC
V
VIH
Input High Voltage
0.8VCC
VCC+0.4
V
VOL
Output Low Voltage
IOL =100µA
0.4
V
VOH
Output High Voltage
IOH =-100µA
VCC-0.2
V
AC Measurement Conditions
Symbol
Parameter
Min
Tpy
Max
Unit
CL
Load Capacitance
30
pF
TR, TF
Input Rise And Fall time
5
ns
VIN
Input Pause Voltage
0.2VCC to 0.8VCC
V
IN
Input Timing Reference Voltage
0.5VCC
V
OUT
Output Timing Reference Voltage
0.5VCC
V
Figure45.
AC Measurement I/O Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com