Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 8 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 8 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 12Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
Page 8
G52191-0, Rev 4.2
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
disabled. All data transfer timing is asynchronous to REFCLK. The Interrupt Control Register is written by the user
to mask certain operations. If ICE is set HIGH, the INT output pin will go LOW if any error bit is set in the CERR
register. If RCE is set HIGH, the link will automatically start link initialization if any error bit is set in the CERR
register. The corresponding pins can be used for the DERR, TERR and LERR registers. If the INT signal goes LOW,
the Interrupt Status Register can be read to determine which of the four registers received an error.
The CDEL[3:0] bits are used to program a value for the cell clock delay (see section 3.0). The switch matrix
status information can be read from the CN and FI registers. A serial link can be forced to reinitialize by writing a
HIGH into the RSY register. A serial output can be logically disabled by writing a HIGH into the OE register. A serial
input can be forced to loop back directly to a serial output by writing a HIGH into the LPBK register. All registers are
cleared upon RESET. Also, the LERR, TERR, DERR and CERR registers are cleared on reading.
Figure 1: Status and Control Register Definition
CDATA[7:0] Bit Position
ADDR[5:0]
R/W
7
6
5
4
32
10
X 0 0 0 0 0
R
CE
DE
TE
LE
Interrupt Status Register
X 0 0 0 0 1
R/W
RCE
RDE
RTE
RLE
ICE
IDE
ITE
ILE
Interrupt Control Register
X 0 0 0 1 0
R/W
BIST
CDEL[3:0]
BIST and Count Register
X 0 0 0 1 1
X 0 0 1 0 0
R
CERR[7:0]
CCLK error register LSB
X 0 0 1 0 1
R
CERR[15:8]
CCLK error register MSB
X 0 0 1 1 0
R
DERR[7:0]
DRU error register LSB
X 0 0 1 1 1
R
DERR[15:8]
DRU error register MSB
X 0 1 0 0 0
R
TERR[7:0]
Error threshold register LSB
X 0 1 0 0 1
R
TERR[15:8]
Error threshold register MSB
X 0 1 0 1 0
R
LERR[7:0]
Link error register LSB
X 0 1 0 1 1
R
LERR[15:8]
Link error register MSB
0 0 1 1 0 0
R/W
C0[3:0]
C8[3:0]
Output0/Output8 Config
0 0 1 1 0 1
R/W
C1[3:0]
C9[3:0]
Output1/Output9 Config
0 0 1 1 1 0
R/W
C2[3:0]
C10[3:0]
Output2/Output10 Config
0 0 1 1 1 1
R/W
C3[3:0]
C11[3:0]
Output3/Output11 Config
0 1 0 0 0 0
R/W
C4[3:0]
C12[3:0]
Output4/Output12 Config
0 1 0 0 0 1
R/W
C5[3:0]
C13[3:0]
Output5/Output13 Config
0 1 0 0 1 0
R/W
C6[3:0]
C14[3:0]
Output6/Output14 Config



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com