Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 17 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 17 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 13Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 14Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 15Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 16Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 17Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 21Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 17
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
2.5 Transmitter Operation
In Packet Mode, the transmitter sends out data words that come from the switch matrix, adding the appropriate
overhead bit information for acknowledges, response bits and flow control. Acknowledges are used to signal the
transceiver that a connection request has been granted (see the VSC870 data sheet). The response bits are used with
the Multi Queue connection request word. The flow control channel is used to pass state information from the
receiving port card to the transmitting port card. The switch redirects the flow control signals to the correct output
using the current switch connection state information. In the case of multicast where there is more than one receiver,
these channels are logically ORed before being sent back to the transmitter. The flow control channel is also used to
send response bits from the switch to the transceiver for multi queue mode (see VSC870 data sheet).
Response words are required by the transceiver in Packet Mode. These response words are simply IDLE words
or CRQ words in the data stream that are going back to the transceiver containing port connection status information.
If the transceiver receives a connection request word that requires a response, it can use the flow control channel to
force an IDLE word into the data stream. When this IDLE arrives at the switch, the switch adds the response data.
2.6 Disconnect Operation
A disconnect can be made to occur automatically after a packet is transmitted through the switch if the packet is
followed by either a CRQ (Connection Request) associated with a new packet, or a null CRQ followed by a null
header word. The CRQ associated with the new packet typically has the BRK bit set. This breaks down the old
connection before it tries to establish the new connection through arbitration. This new connection is made only when
the switch receives the header word. When the old connection is broken, the associated output ports are freed up,
becoming available for new connections. The null CRQ is a CRQ with the BRK bit set, and has no output port
selected. In this case, the switch chip will break down the old connection(s) and will not establish any new
connections. The null CRQ word must be followed by a null (empty) header word. The switch will send IDLE words
to the transceivers which have not established a new connection. During the packet transmission, if the sending link
goes out of synch, the switch will terminate the connection and send an end of packet word (CRQ with the BRK bit
set LOW) to the destination port followed by IDLE words. In this case, the receiving transceiver will receive only one
CRQ instead of the two normally received.
2.7 Flow Control Channel
The VSC880 can support a back pressure mechanism by providing a flow control channel. The flow control
channel is time shared with the signaling between the switch chip and the transceiver for acknowledgment and
response bits. Therefore, it can only guarantee to pass the state information from input pin at the receiving port card
through the switch and to the output pin at the transmitting port card. The main application for this flow control
channel is to prevent the FIFO on the receiving side from overflowing. By using this channel, when the receive FIFO
is almost full, the transmit FIFO will be disabled from sending data. During the time the switch is sending an ACK or
response bits back to the port cards, these flow control bits are dropped by the switch. During a multicast
transmission, the flow control channels are ORed in the switch. If a port is in an out of synch state, no flow control
back pressure is exerted from this output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com