Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 22 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 22 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 18Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 19Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 20Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 21Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 22Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 23Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 24Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 25Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 26Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
Page 22
G52191-0, Rev 4.2
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
DC Characteristics
Table 5: LVDS and TTL Inputs and Outputs
Hot Swap
The LVDS input and output buffers are subject to hot swap events while being connected and disconnected from
the passive backplane. If the input is powered down but still receiving a signal from an output, the input must tolerate
extra input current and power. If the input is powered up but has no input connection, it must go to a valid logic state.
The Table 6 below lists the LVDS I/O parameters that relate to hot swap condition.
Table 6: Hot Swap LVDS I/O Parameters
Power Dissipation
Table 7: Power Supply Currents
Parameters
Description
Min
Typ
Max
Units
Conditions
VOH
Output HIGH voltage (TTL)
2.4
——
VIOH = -6.0 mA
VOL
Output LOW voltage (TTL)
——
0.4
V
IOL = +6.0 mA
VOCM
O/P Common Mode Range (LVDS)
1.2
—
2.1
V
At Min
∆V
OUT
∆V
OUT
Differential Output Voltage (LVDS)
400
—
1000
mV
100
Ω across input
VICM
I/P Common Mode Range (LVDS)
0.8
—
2.5
V
At Min
∆V
IN
∆V
IN
Differential Input Voltage (LVDS)
200
—
1600
mV
—
VIH
Input HIGH voltage (TTL)
2.0
—
VDD+1.0
V
—
VIL
Input LOW voltage (TTL)
0
—
0.8
V
—
IIH
Input HIGH current (TTL)
——
500
µAV
IN =2.4V
IIL
Input LOW current (TTL)
- 50
——
µAV
IN = 0.4V
IOZB
Bi-directional (TTL) HIGH current
3-State Output OFF
500
µAV
OUT=2.4V
Parameters
Description
Value
Units
Conditions
ICO
LVDS maximum current delivered per output pin
10
mA
Normal Operation
ICI
LVDS maximum current allowed per input pin
40
mA
VDD = 0V
PCI
LVDS maximum added power per output pin
60
mW
VDD = 0V on VSC870
VCDL
LVDS input default logic state
LOW
—
Input Open
Parameter
Description
(Max)
Units
IDD
Power supply current from VDD, VDDA (VDD, VDDA = 3.3V + 5%)
1000
mA
IDDA
Power supply current from VDDA (VDDA = 3.3V + 5%)
200
mA
IDDX
Power supply current from each serial data quadrant VDDX (VDDX = 3.3V + 5%)
750
mA
IMM
Power supply current from VMM (VMM = 2.5V + 5%)
6800
mA
PDS
Power dissipation (VDD = 3.3V+5%, VMM = 2.5V+5%, all quadrants powered)
30.7
W
PDD
Power dissipation (VDD = 3.3V+5%, VMM = 2.0V+5%, all quadrants powered)
28.1
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com