Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 9 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 9 Page - Vitesse Semiconductor Corporation

Back Button VSC880TY Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 9Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 10Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 11Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 12Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 13Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
G52191-0, Rev 4.2
Page 9
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Where:
CE Cell clock errorRCE
Resynch on cell errorICE
Interrupt on cell error
DE DRU error RDE
Resynch on DRU errorIDE
Interrupt on DRU error
TE
Threshold errorRTE
Resynch on thresh errorITE
Interrupt on threshold error
LE
Link error RLE
Resynch on link errorILE
Interrupt on link error
BIST
Set this bit HIGH to test the BIST circuitry
CDEL[3:0]
Cell clock delay
CERR[15:0]Cell clock error register, bit 0 is channel 0 etc, Cleared on read
DERR[15:0]DRU error register, bit 0 is channel 0 etc. Cleared on read
TERR[15:0]Threshold error register, bit 0 is channel 0 etc. Cleared on read
LERR[15:0]Link error register, bit 0 is channel 0 etc, Cleared on read
CN[3:0]Switch configuration data. N is the output port number, [3:0] is the input port connected. Default = 0xF.
SN[3:0]Output status data. N is the output port number, SN[3:2] = 00 for normal operation.
01 for out of synch
10 for word synch in progress
11 for cell synch in progress
SN[1] = Output busy in packet mode
SN[0] = Connection valid in packet mode
0 1 0 0 1 1
R/W
C7[3:0]
C15[3:0]
Output7/Output15 Config
1 0 1 1 0 0
R
S0[3:0]
S8[3:0]
Output0/Output8 Status
1 0 1 1 0 1
R
S1[3:0]
S9[3:0]
Output1/Output9 Status
1 0 1 1 1 0
R
S2[3:0]
S10[3:0]
Output2/Output10 Status
1 0 1 1 1 1
R
S3[3:0]
S11[3:0]
Output3/Output11 Status
1 1 0 0 0 0
R
S4[3:0]
S12[3:0]
Output4/Output12 Status
1 1 0 0 0 1
R
S5[3:0]
S13[3:0]
Output5/Output13 Status
1 1 0 0 1 0
R
S6[3:0]
S14[3:0]
Output6/Output14 Status
1 1 0 0 1 1
R
S7[3:0]
S15[3:0]
Output7/Output15 Status
X 1 0 1 0 0
R/W
FI[7:0]
Force IDLEs LSB
X 1 0 1 0 1
R/W
FI[15:8]
Force IDLEs MSB
X 1 0 1 1 0
R/W
RSY[7:0]
Resynch LSB
X 1 0 1 1 1
R/W
RSY[15:8]
Resynch MSB
X 1 1 0 0 0
R/W
OE[7:0]
Output Enable LSB
X 1 1 0 0 1
R/W
OE[15:8]
Output Enable MSB
X 1 1 0 1 0
R/W
LPBK[7:0]
Loopback LSB
X 1 1 0 1 1
R/W
LPBK[15:8]
Loopback MSB
CDATA[7:0] Bit Position
ADDR[5:0]
R/W
7
6
5
4
32
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com