Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC880TY Datasheet(PDF) 2 Page - Vitesse Semiconductor Corporation

Part # VSC880TY
Description  High Performance 16x16 Serial Crosspoint Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC880TY Datasheet(HTML) 2 Page - Vitesse Semiconductor Corporation

  VSC880TY Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC880TY Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC880
High Performance 16x16
Serial Crosspoint Switch
Page 2
G52191-0, Rev 4.2
01/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
General Description
The VSC880 is a 16x16 serial crosspoint switch with serial data rates at 2.125Gb/s. The VSC880 has been
designed to operate with the VSC870 backplane transceiver to establish a synchronous high performance switching
system with an aggregate bandwidth of 32Gb/s. The switch chip transmits the master word clock (62.5Mb/s), and
master cell clock (if used) to all port cards through the serial data channels. The transceivers automatically perform
bit alignment, word alignment and cell alignment to the switch chip. The transceiver and switch chip have been
optimized for both self-routing and cell-based systems and include special commands for connection requests (self-
routing) and cell synchronous operation (cell based). In addition, a parallel CPU interface can be used to control
internal modes and read status information from the switch. A 20-bit interface can also be used to program the switch
matrix in 4 clock cycles. The switch chip runs off of a 3.3V/2.5V or 3.3V/2.0V power supplies. The serial I/O buffers
contain on-chip termination resistors (see Application Note 34).
Pin Descriptions
Pin
Name
I/O
Freq
Type
Description
TXS[15:0]+/
TXS[15:0]-
Transmit Serial Outputs
O
2.125Gb/s
LVDS
16 high speed serial differential transmit channels
RXS[15:0]+/
RXS[15:0]-
Receive Serial Inputs
I
2.125Gb/s
LVDS
16 high speed serial differential receive channels
DATA[15:0]
Configuration Data Input
I
62.5Mb/s
TTL
Parallel input signals used to program the switch matrix in 4
clock cycles when the signal CEN is LOW.
FI[3:0]
Force IDLE Input
I
62.5Mb/s
TTL
Parallel input signals used to program force IDLE words at
the switch matrix output in 4 clock cycles when the signal
CEN is LOW.
CEN
Configure Enable
I
62.5Mb/s
TTL
When CEN is held LOW, the inputs DATA[15:0] and FI[3:0]
can be used to program the switch matrix in 4 word clock
cycles timed to the WEN signal.
WEN
Write Enable
I
62.5Mb/s
TTL
If CEN is LOW, this signal provides a synchronization pulse
for loading switch configuration data into DATA[15:0] and
FI[3:0].
ADDR[5:0]
Data Address
I
62.5Mb/s
TTL
The address to read and write data through parallel interface
CDATA[7:0].
CSEL
Chip Select
I
62.5Mb/s
TTL
This signal allows several switch chips to share an 8 bit data
bus connected to CDATA[7:0]. If CSEL is LOW, data will
be read or written to CDATA[7:0]. If CSEL is HIGH, the
outputs will be high impedance and the inputs disabled.
CDATA[7:0]
Status Data Output
B
62.5Mb/s
TTL
Bidirectional CPU interface for the status and control
registers. If CSEL is LOW, the data will be read or written
into this port. If CSEL is HIGH, the outputs will be high
impedance and the inputs will be disabled.
CWEN
Control Write Enable
I
62.5Mb/s
TTL
This signal is set HIGH to read the internal status registers
through the parallel interface CDATA[7:0]. It is set LOW to
write into this interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com